Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4820 Datasheet (PDF) - Texas Instruments

OPA4820 Datasheet PDF - Texas Instruments
Part # OPA4820
Download  OPA4820 Download
File Size   782.19 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier

OPA4820 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4820 Datasheet PDF - Texas Instruments

Part # OPA4820
Download  OPA4820 Click to download

File Size   782.19 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier

OPA4820 Datasheet (HTML) - Texas Instruments


OPA4820 Product details

FEATURES
HIGH BANDWIDTH: 220MHz (G = +2)
HIGH OUTPUT CURRENT: ±85mA
LOW INPUT NOISE: 2.5nV/√Hz
LOW SUPPLY CURRENT: 5.7mA/ch
FLEXIBLE SUPPLY VOLTAGE:
±2V to ±6.3V Dual Supply
+4V to +12.6V Single Supply
EXCELLENT DC ACCURACY:
Maximum 25°C Input Offset Voltage = 0.8mV
Maximum 25°C Input Offset Current = 500nA

APPLICATIONS
LOW-COST VIDEO LINE DRIVERS
ADC PREAMPS
ACTIVE FILTERS
LOW-NOISE INTEGRATORS
PORTABLE TEST EQUIPMENT
OPTICAL CHANNEL AMPLIFIERS
LOW-POWER, BASEBAND AMPLIFIERS
CCD IMAGING CHANNEL AMPLIFIERS
OPA4650 UPGRADE

DESCRIPTION
The OPA4820 provides a wideband, unity-gain stable,
voltage-feedback amplifier with a very low input noise
voltage and high output current using a low 5.7mA/ch
supply current. At unity-gain, the OPA4820 gives
> 600MHz bandwidth with < 1 dB peaking. The OPA4820
complements this high-speed operation with excellent DC
precision in a low-power device. A worst-case input offset
voltage of ±0.8mV and an offset current of ±500nA give
excellent absolute DC precision for pulse amplifier
applications.
Minimal input and output voltage swing headroom allow
the OPA4820 to operate on a single +5V supply with
> 2VPP output swing. While not a rail-to-rail (RR) output,
this swing will support most emerging analog-to-digital
converter (ADC) input ranges with lower power and noise
than typical RR output op amps.
Exceptionally low dG/dP (0.01%/0.03°) supports low-cost
composite video line driver applications. Existing designs
can use the industry-standard quad pinout SO-14 package
while emerging high-density portable applications can use
the TSSOP-14.




Similar Part No. - OPA4820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4820 BURR-BROWN-OPA4820 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4820 BURR-BROWN-OPA4820 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA4820 TI-OPA4820 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
839Kb / 34P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Similar Description - OPA4820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842 TI-OPA842 Datasheet
438Kb / 19P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com