Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA861 Datasheet (PDF) - Texas Instruments

OPA861 Datasheet PDF - Texas Instruments
Part # OPA861
Download  OPA861 Download
File Size   880.32 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide Bandwidth Operational Transconductance Amplifier (OTA)

OPA861 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA861 Datasheet PDF - Texas Instruments

Part # OPA861
Download  OPA861 Click to download

File Size   880.32 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide Bandwidth Operational Transconductance Amplifier (OTA)

OPA861 Datasheet (HTML) - Texas Instruments


OPA861 Product details

1FEATURES
• Wide Bandwidth (80MHz, Open-Loop, G = +5)
• High Slew Rate (900V/μs)
• High Transconductance (95mA/V) self•
External I Q-Control
• Low Quiescent Current (5.4mA)

APPLICATIONS
• Video/Broadcast Equipment
• Communications Equipment
• High-Speed Data Acquisition
• Wideband LED Drivers
• Control Loop Amplifiers
• Wideband Active Filters
• Line Drivers

DESCRIPTION
The OPA861 is a versatile monolithic component
designed for wide-bandwidth systems, including high
performance video, RF and IF circuitry. The OPA861
is a wideband, bipolar operational transconductance
amplifier (OTA).
The OTA or voltage-controlled current source can be
viewed as an ideal transistor. Like a transistor, it has
three terminals—a high impedance input (base), a
low-impedance input/output (emitter), and the current
output (collector). The OPA861, however, is self•
biased and bipolar. The output collector current is
zero for a zero base-emitter voltage. AC inputs
centered about zero produce an output current, which
is bipolar and centered about zero. The
transconductance of the OPA861 can be adjusted
with an external resistor, allowing bandwidth,
quiescent current, and gain trade-offs to be
optimized.
Used as a basic building block, the OPA861
simplifies the design of AGC amplifiers, LED driver
circuits for fiber optic transmission, integrators for fast
pulses, fast control loop amplifiers and control
amplifiers for capacitive sensors, and active filters.
The OPA861 is available in SO-8 and SOT23-6
surface-mount packages.




Similar Part No. - OPA861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861 TI1-OPA861 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861ID TI-OPA861ID Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA861ID TI1-OPA861ID Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVR TI-OPA861IDBVR Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Similar Description - OPA861

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
Dual Operational Transconductance Amplifier (OTA)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com