Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA685 Datasheet (PDF) - Texas Instruments

OPA685 Datasheet PDF - Texas Instruments
Part # OPA685
Download  OPA685 Download
File Size   888.14 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Very Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable

OPA685 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA685 Datasheet PDF - Texas Instruments

Part # OPA685
Download  OPA685 Click to download

File Size   888.14 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Very Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable

OPA685 Datasheet (HTML) - Texas Instruments


OPA685 Product details

FEATURES
REDUCED BANDWIDTH CHANGE VERSUS GAIN
150MHz BANDWIDTH G = +2
> 90MHz BANDWIDTH TO GAIN > +10
LOW DISTORTION: < –69dBc at 5MHz
HIGH OUTPUT CURRENT: 110mA
SINGLE +5V TO +12V SUPPLY OPERATION
DUAL ±2.5V TO ±6V SUPPLY OPERATION
LOW SUPPLY CURRENT: 0.94mA
LOW SHUTDOWN CURRENT: 100μA

APPLICATIONS
LOW POWER BROADCAST VIDEO DRIVERS
EQUALIZING FILTERS
SAW FILTER HIGH GAIN POST AMPLIFIERS
SHORT LOOP ADSL CO DRIVERS
MULTICHANNEL SUMMING AMPLIFIERS
PROFESSIONAL CAMERAS
ADC INPUT DRIVERS

DESCRIPTION
The OPA683 provides a new level of performance in very lowpower,
wideband, current feedback amplifiers. This CFBplus amplifier
is among the first to use an internally closed-loop input buffer
stage that enhances performance significantly over earlier lowpower
CFB amplifiers. While retaining the benefits of very low
power operation, this new architecture provides many of the
advantages of a more ideal CFB amplifier. The closed-loop input
stage buffer gives a very low and linearized impedance path at the
inverting input to sense the feedback error current. This improved
inverting input impedance gives exceptional bandwidth retention to
much higher gains and improved harmonic distortion over earlier
solutions limited by inverting input linearity. Beyond simple high
gain applications, the OPA683 CFBplus amplifier can allow the gain
setting element to be set with considerable freedom from amplifier
bandwidth interaction. This allows frequency response peaking
elements to be added, multiple input inverting summing circuits to
have greater bandwidth, and low-power line drivers to meet the
demanding requirements of studio cameras and broadcast video.
The output capability for the OPA683 also sets a new mark in
performance for very low-power current feedback amplifiers. Delivering
a full ±4VPP swing on ±5V supplies, the OPA683 also has
the output current to support this swing into a 100Ω load. This
minimal output headroom requirement is complemented by a
similar 1.2V input stage headroom giving exceptional capability for
single +5V operation.
The OPA683’s low 0.94mA supply current is precisely trimmed at
25°C. This trim, along with low shift over temperature and supply
voltage, gives a very robust design over a wide range of operating
conditions. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or holding
it HIGH, gives normal operation. If pulled LOW, the OPA683 supply
current drops to less than 100μA while the I/O pins go to a high
impedance state.




Similar Part No. - OPA685

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA685 BURR-BROWN-OPA685 Datasheet
455Kb / 26P
Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 BURR-BROWN-OPA685 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI2-OPA685 Datasheet
730Kb / 31P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
REVISED JULY 2008
More results


Similar Description - OPA685

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI-OPA691 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
logo
Texas Instruments
OPA683IDBVR TI-OPA683IDBVR Datasheet
1Mb / 31P
Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com