Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA681 Datasheet (PDF) - Texas Instruments

OPA681 Datasheet PDF - Texas Instruments
Part # OPA681
Download  OPA681 Download
File Size   868.77 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable

OPA681 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA681 Datasheet PDF - Texas Instruments

Part # OPA681
Download  OPA681 Click to download

File Size   868.77 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable

OPA681 Datasheet (HTML) - Texas Instruments


OPA681 Product details

FEATURES
FLEXIBLE SUPPLY RANGE:
+5V to +12V Single-Supply
±2.5V to ±6V Dual-Supply
UNITY-GAIN STABLE: 280MHz (G = 1)
HIGH OUTPUT CURRENT: 190mA
OUTPUT VOLTAGE SWING: ±4.0V
HIGH SLEW RATE: 2100V/μs
LOW dG/dφ: 0.07%/0.02°
LOW SUPPLY CURRENT: 5.1mA
LOW DISABLED CURRENT: 150μA
WIDEBAND +5V OPERATION: 190MHz (G = +2)

APPLICATIONS
xDSL LINE DRIVER
BROADBAND VIDEO BUFFERS
HIGH-SPEED IMAGING CHANNELS
PORTABLE INSTRUMENTS
ADC BUFFERS
ACTIVE FILTERS
WIDEBAND INVERTING SUMMING
HIGH SFDR IF AMPLIFIER

DESCRIPTION
The OPA691 sets a new level of performance for broadband
current feedback op amps. Operating on a very low 5.1mA
supply current, the OPA691 offers a slew rate and output
power normally associated with a much higher supply current.
A new output stage architecture delivers a high output
current with minimal voltage headroom and crossover distortion.
This gives exceptional single-supply operation. Using a
single +5V supply, the OPA691 can deliver a 1V to 4V output
swing with over 150mA drive current and 190MHz bandwidth.
This combination of features makes the OPA691 an
ideal RGB line driver or single-supply Analog-to-Digital Converter
(ADC) input driver.
The OPA691’s low 5.1mA supply current is precisely trimmed
at 25°C. This trim, along with low drift over-temperature,
ensures lower maximum supply current than competing
products. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it HIGH, gives normal operation. If pulled LOW, the
OPA691 supply current drops to less than 150μA while the
output goes into a high impedance state. This feature may be
used for power savings.




Similar Part No. - OPA681

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA681 TI-OPA681 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 TI1-OPA681 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA681 TI1-OPA681 Datasheet
217Kb / 22P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 TI1-OPA681 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Similar Description - OPA681

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com