Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1789 Datasheet (PDF) - Texas Instruments

PCM1789 Datasheet PDF - Texas Instruments
Part # PCM1789
Download  PCM1789 Download
File Size   914.37 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter

PCM1789 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1789 Datasheet PDF - Texas Instruments

Part # PCM1789
Download  PCM1789 Click to download

File Size   914.37 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter

PCM1789 Datasheet (HTML) - Texas Instruments


PCM1789 Product details

1FEATURES
234• Qualified for Automotive Applications
• Enhanced Multi-Level Delta-Sigma DAC:
– High Performance: Differential, fS = 48 kHz
– THD+N: –94 dB
– SNR: 113 dB
– Dynamic Range: 113 dB
– Sampling Rate: 8 kHz to 192 kHz
– System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 fS, 768 fS, 1152 fS – Differential Voltage Output: 8 V PP
– Analog Low-Pass Filter Included
– 4x/8x Oversampling Digital Filter:
– Passband Ripple: ±0.0018 dB
– Stop Band Attenuation: –75 dB
– Zero Flags (16-/20-/24-Bits)
• Flexible Audio Interface:
– I/F Format: I2S™, Left-/Right-Justified, DSP
– Data Length: 16, 20, 24, 32 Bits
• Flexible Mode Control:
– 3-Wire SPI™, 2-Wire I2C™-Compatible
Serial Control Interface, or
Hardware Control
– Connect Up To 4 Devices on One SPI Bus
• Multi Functions via SPI or I2C I/F:
– Audio I/F Format Select: I2S, Left-Justified,
Right-Justified, DSP
– Digital Attenuation and Soft Mute
– Digital De-Emphasis: 32 kHz, 44.1 kHz,
48 kHz
– Data Polarity Control
– Power-Save Mode
• Multi Functions via Hardware Control:
– Audio I/F Format Select: I2S, Left-Justified
– Digital De-Emphasis Filter: 44.1 kHz
• Analog Mute by Clock Halt Detection
• External Reset Pin
• Power Supplies:
– 5 V for Analog and 3.3 V for Digital
• Package: TSSOP-24
• Operating Temperature Range:
– –40°C to +105°C

APPLICATIONS
• AV Receivers
• Car Audio External Amplifiers
• Car Audio AVN Applications

DESCRIPTION
The PCM1789-Q1 is a high-performance, single-chip,
24-bit, stereo, audio digital-to-analog converter (DAC)
with differential outputs. The two-channel, 24-bit DAC
employs an enhanced multi-level, delta-sigma (ΔΣ)
modulator, and supports 8 kHz to 192 kHz sampling
rates and a 16-/20-/24-/32-bit width digital audio input
word on the audio interface. The audio interface of
PCM1789-Q1 supports a 24-bit, DSP format in
addition to I2S, left-justified, and right-justified
formats.
The PCM1789-Q1 can be controlled through a
three-wire, SPI-compatible or two-wire,
I2C-compatible serial interface in software, which
provides access to all functions including digital
attenuation, soft mute, de-emphasis, and so forth.
Also, hardware control mode provides two
user-programmable functions through two control pins. The PCM1789-Q1 is available in a 24-pin
TSSOP package.




Similar Part No. - PCM1789

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI-PCM1789 Datasheet
1Mb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1789IPWRQ1 TI1-PCM1789IPWRQ1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1789PW TI-PCM1789PW Datasheet
1Mb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
More results


Similar Description - PCM1789

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1691 TI-PCM1691 Datasheet
1Mb / 47P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PCM1789 TI-PCM1789 Datasheet
1Mb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1690 TI-PCM1690_15 Datasheet
1Mb / 48P
PCM1690 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com