Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD101 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

MMBD101 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # MMBD101
Download  MMBD101 Download
File Size   277.2 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description Surface Mount Schottky Barrier Diode

MMBD101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD101 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # MMBD101
Download  MMBD101 Click to download

File Size   277.2 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description Surface Mount Schottky Barrier Diode

MMBD101 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


MMBD101 Product details

Features
    Low Turn-on Voltage
    For UHF mixer application
    Also suitable for use in detector and ultra-fast
    switching circuits Low Noise Figure- 6.0dBTyp @ 1.0GHz
    Very Low Capacitance-Less Than 1.0pF @ 0V
    High Forward Conductance-0.5V(Typ) @ IF= 10mA




Similar Part No. - MMBD101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD101 ONSEMI-MMBD101 Datasheet
82Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
1997
logo
Leshan Radio Company
MMBD101 LRC-MMBD101 Datasheet
52Kb / 2P
Schottky Barrier Diodes
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101 Datasheet
85Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
MMBD101 KEXIN-MMBD101 Datasheet
37Kb / 1P
Schottky Barrier Diodes
More results


Similar Description - MMBD101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com