Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DBR Datasheet (PDF) - Texas Instruments

PCM1802DBR Datasheet PDF - Texas Instruments
Part # PCM1802DBR
Download  PCM1802DBR Download
File Size   890.58 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter

PCM1802DBR Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1802DBR Datasheet PDF - Texas Instruments

Part # PCM1802DBR
Download  PCM1802DBR Click to download

File Size   890.58 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter

PCM1802DBR Datasheet (HTML) - Texas Instruments


PCM1802DBR Product details

1 Features
1• 24-Bit Delta-Sigma Stereo A/D Converter
• Single-Ended Voltage Input: 3 VP–P
• Antialiasing Filter Included
• Oversampling Decimation Filter
– Oversampling Frequency: ×64, ×128
– Pass-Band Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.84 Hz (44.1 kHz)
• High Performance
– THD+N: 96 dB (Typical)
– SNR: 105 dB (Typical)
– Dynamic Range: 105 dB (Typical)
• PCM Audio Interface
– Master and Slave Mode Selectable
– Data Formats: 24-Bit Left-Justified; 24-Bit I2S;
20-bit or 24-Bit Right-Justified
• Sampling Rate: 16 kHz to 96 kHz
• System Clock: 256 fS, 384 fS, 512 fS, 768 fS
• Dual Power Supplies: 5 V (Analog), 3.3 V (Digital)
• Package: 20-Pin SSOP

2 Applications
• AV Amplifier Receivers
• MD Players
• CD Recorders
• Multitrack Receivers
• Electric Musical Instruments

3 Description
The PCM1802 is a high-performance, low-cost,
single-chip stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1802
uses a delta-sigma modulator with 64-times or
128‑times oversampling, and includes a digital
decimation filter and high-pass filter (HPF), which
removes the DC component of the input signal. For
various applications, the PCM1802 supports master
and slave modes and four data formats in serial
interface. The PCM1802 is suitable for a wide variety
of cost-sensitive consumer applications where good
performance, 5-V analog supply, and 3.3-V digital
supply operation is required. The PCM1802 is
fabricated using a highly advanced CMOS process
and is available in the DB 20-pin SSOP package.




Similar Part No. - PCM1802DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802DBR TI-PCM1802DBR Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBR TI1-PCM1802DBR Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Similar Description - PCM1802DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com