Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870A Datasheet (PDF) - Texas Instruments

PCM1870A Datasheet PDF - Texas Instruments
Part # PCM1870A
Download  PCM1870A Download
File Size   862.03 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier

PCM1870A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1870A Datasheet PDF - Texas Instruments

Part # PCM1870A
Download  PCM1870A Click to download

File Size   862.03 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier

PCM1870A Datasheet (HTML) - Texas Instruments


PCM1870A Product details

1FEATURES
· Analog Front End:
– Stereo Single End Input With MUX
– Mono Differential Input
– Stereo Programmable Gain Amplifier
– Microphone Boost Amplifier and Bias
· Analog Performances Dynamic Range: 90 dB
· Power-Supply Voltage
– 1.71 V to 3.6 V for Digital I/O Section
– 1.71 V to 3.6 V for Digital Core Section
– 2.4 V to 3.6 V for Analog Section
· Low Power Dissipation:
– 13 mW in Record, 1.8/2.4 V, 48 kHz, Stereo
– 5.3 mW in Record, 1.8/2.4 V, 8 kHz, Mono
– 3.3 mW in All Power Down
· Sampling Frequency: 5 kHz to 50 kHz
· Auto Level Control for Recording
· Operation by Single Clock Input Without PLL
· System Clock: Common Audio Clock
(256 fS/384 fS), 12/24, 13/26, 13.5/27, 19.2/38.4,
19.68/39.36 MHz
· 2 (I2C) or 3 (SPI) Wire Serial Control
· Programmable Function by Register Control:
– Digital Soft Mute
– Hi-Z for LRCK, BCK and DOUT
– Power Up/Down Control for Each Module
– 30-dB to –12-dB Gain for Analog Inputs
– 0/12/20-dB Boost for Microphone Input
– Parameter Settings for ALC
– Three-Band Tone Control and 3D Sound
– High-Pass Filter and Two-Stage Notch Filter
· Pop Noise Reduction Circuit
· Package:
– 24-Pin YZF (2.49 mm × 3.49 mm)
· Operation Temperature Range: –40°C to 85°C

APPLICATIONS
· Portable Audio Player, Cellular Phone
· Video Camcorder, Movie Digital Still Camera
· PMP/DMB, Voice Recorder

DESCRIPTION
The PCM1870A is a low-power stereo ADC designed
for portable digital audio applications, with line-input
amplifier, boost amplifier, microphone bias,
programmable gain control, sound effects, and auto level control (ALC). It is available in a 24-Pin YZF
(2.49-mm × 3.49-mm) package to save footprint. The
PCM1870A accepts right-justified, left-justified, I2S,
and DSP formats, providing easy interfacing to audio DSP and encoder chips. Sampling rates up to 50 kHz
are supported. The user-programmable functions are
accessible through a 2- or 3-wire serial control port.




Similar Part No. - PCM1870A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PCM1870AYZFR TI-PCM1870AYZFR Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PCM1870AYZFT TI-PCM1870AYZFT Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
More results


Similar Description - PCM1870A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814ETD MAXIM-MAX9814ETD Datasheet
1Mb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
Microphone Bias and Microphone Amplifier
logo
Nuvoton Technology Corp...
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_V01 Datasheet
1Mb / 13P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com