Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2912A Datasheet (PDF) - Texas Instruments

PCM2912A Datasheet PDF - Texas Instruments
Part # PCM2912A
Download  PCM2912A Download
File Size   880.36 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output

PCM2912A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM2912A Datasheet PDF - Texas Instruments

Part # PCM2912A
Download  PCM2912A Click to download

File Size   880.36 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output

PCM2912A Datasheet (HTML) - Texas Instruments


PCM2912A Product details

1 Features
1• On-Chip USB Interface:
– With Full-Speed Transceivers
– Fully Compliant With USB 2.0 Specification
– Certified By USB-IF
– Partially Programmable Descriptors
– Adaptive Isochronous Transfer for Playback
– Asynchronous-Isochronous Transfer for
Record
– Bus Powered
• 16-Bit Delta-Sigma ADC and DAC
• Sampling Rate:
– 8, 11.025, 16, 22.05, 32, 44.1, or 48 kHz
• On-Chip Clock Generator:
– With Single 6-MHz Clock Source
• Mono ADC with Microphone Input
– Analog Performance at VBUS = 5 V:
– THD+N: 0.01%
– SNR: 92 dB
– Dynamic Range: 90 dB
– Decimation Digital Filter
– Passband Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– Single-Ended Voltage Input
– Antialiasing Filter Included
– Digital HPF Included
– Microphone Bias, Microphone Amplifier, and
Input PGA
• Stereo DAC With Headphone Output
– Analog Performance at VBUS = 5.0 V:
– THD+N: 0.01% (R L > 10 kΩ)
– THD+N: 0.02% (RL = 32 Ω)
– SNR: 92 dB
– Dynamic Range: 90 dB
– PO: 13 mW (RL = 32 Ω)
– PO: 25 mW (RL = 16 Ω)
– Oversampling Digital Filter
– Passband Ripple: ±0.1 dB
– Stop-Band Attenuation: –43 dB
– Single-Ended Voltage Output
– Analog LPF Included
– Sidetone PGA, Output PGA, and HP
Amplifier
• Multifunctions:
– Suspend, Playback, and Record Status Flag
– Microphone Amplifier, Mute, and Gain Control
• Pop/Click Noise-Free
• Single Power-Supply: 5 V Typical (VBUS)
• Package: 32-Pin TQFP

2 Applications
• USB Headset
• USB Headphone
• USB Speaker
• USB Featured Consumer Audio Product
• USB Audio Interface Box
• USB Monitor
• Video Conference System

3 Description
The PCM2912A is the Texas Instruments single-chip,
USB stereo audio codec with a USB, 2.0-compliant,
full-speed protocol controller and an analog front-end
(AFE) function for headset applications.
The USB protocol controller works with no software
code, but USB descriptors can be modified on request. The PCM2912A employs SpAct™
architecture, TI’s unique system that recovers the
audio clock from USB packet data. On-chip analog
PLLs with SpAct enables independent playback and record sampling rates with low clock jitters.




Similar Part No. - PCM2912A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI2-PCM2912A Datasheet
880Kb / 37P
PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
REVISED AUGUST 2015
PCM2912APJT TI1-PCM2912APJT Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912APJT TI1-PCM2912APJT Datasheet
1Mb / 34P
Audio Codec With USB Interface
PCM2912APJT TI2-PCM2912APJT Datasheet
880Kb / 37P
PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
REVISED AUGUST 2015
More results


Similar Description - PCM2912A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com