Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5100PW Datasheet (PDF) - Texas Instruments

PCM5100PW Datasheet PDF - Texas Instruments
Part # PCM5100PW
Download  PCM5100PW Download
File Size   921.74 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface

PCM5100PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM5100PW Datasheet PDF - Texas Instruments

Part # PCM5100PW
Download  PCM5100PW Click to download

File Size   921.74 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface

PCM5100PW Datasheet (HTML) - Texas Instruments


PCM5100PW Product details

1FEATURES
23• Market-Leading Low Out-of-Band Noise
• Selectable Digital-Filter Latency and
Performance
• No DC Blocking Capacitors Required
• Integrated Negative Charge Pump
• Internal Pop-Free Control For Sample-Rate
Changes Or Clock Halts
• Intelligent Muting System; Soft Up or Down
Ramp and Analog Mute For 120dB Mute SNR
With Popless Operation.
• Integrated High-Performance Audio PLL With
BCK Reference To Generate SCK Internally
• Small 20-pin TSSOP Package

OTHER KEY FEATURES
• Single Supply Operation:
• Accepts 16-, 24-, And 32-Bit Audio Data
– 3.3V Analog, 3.3V Digital
• PCM Data Formats: I2S, Left-Justified
• Integrated Power-On Reset
• Automatic Power-Save Mode When LRCK And
BCK Are Deactivated.
• 3.3V Failsafe LVCMOS Digital Inputs
• Hardware Configuration

APPLICATIONS
• A/V Receivers
• DVD, BD Players
• HDTV Receivers
• Applications Requiring 2VRMS Audio Output

DESCRIPTION
The PCM510x devices are a family of monolithic CMOS integrated circuits that include a stereo digital-to-analog
converter and additional support circuitry in a small TSSOP package. The PCM510x uses the latest generation of
TI’s advanced segment-DAC architecture to achieve excellent dynamic performance and improved tolerance to
clock jitter.
The PCM510x provides 2.1VRMS ground centered outputs, allowing designers to eliminate DC blocking
capacitors on the output, as well as external muting circuits traditionally associated with single supply line drivers.
The integrated line driver surpasses all other charge-pump based line drivers by supporting loads down to 1kΩ.
By supporting loads down to 1kΩ, the PCM510x can essentially drive up to 10 products in parallel, such as an
LCD TV, DVDR, AV Receivers and other devices.
The integrated PLL on the device removes the requirement for a system clock (commonly known as master
clock), allowing a 3-wire I2S connection and reducing system EMI.
Intelligent clock error and PowerSense under voltage protection utilizes a two level mute system for pop-free
performance. Upon clock error or system power failure, the device digitally attenuates the data (or last known
good data), then mutes the analog circuit
Compared with existing DAC technology, the PCM510x family offers up to 20dB lower out-of-band noise,
reducing EMI and aliasing in downstream amplifiers/ADCs. (from traditional 100kHz OBN measurements all the
way to 3MHz)
The PCM510x accepts industry-standard audio data formats with 16- to 32-bit data. Sample rates up to 384kHz
are supported.




Similar Part No. - PCM5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100PW TI1-PCM5100PW Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100PW TI1-PCM5100PW Datasheet
1Mb / 35P
384kHz PCM Interface
PCM5100PWR TI1-PCM5100PWR Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100PWR TI1-PCM5100PWR Datasheet
1Mb / 35P
384kHz PCM Interface
More results


Similar Description - PCM5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com