Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03010YAD Datasheet (PDF) - Texas Instruments

PTH03010YAD Datasheet PDF - Texas Instruments
Part # PTH03010YAD
Download  PTH03010YAD Download
File Size   840.17 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES

PTH03010YAD Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH03010YAD Datasheet PDF - Texas Instruments

Part # PTH03010YAD
Download  PTH03010YAD Click to download

File Size   840.17 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES

PTH03010YAD Datasheet (HTML) - Texas Instruments


PTH03010YAD Product details

FEATURES
• VTT Bus Termination Output
(Output Tracks the System VREF)
• 15 A Output Current (12 A for 12-V Input)
• 3.3-V, 5-V or 12-V Input Voltage
• DDR and QDR Compatible
• On/Off Inhibit (for VTT Standby)
• Undervoltage Lockout
• Operating Temperature: –40°C to 85°C
• Efficiencies up to 91%
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• 62 W/in3 Power Density
• Safety Agency Approvals
UL/cUL60950, EN60950, VDE
• Point-of-Load Alliance (POLA™) Compatible

DESCRIPTION
The PTHxx010Y are a series of ready-to-use switching regulator modules from Texas Instruments designed
specifically for bus termination in DDR and QDR memory applications. Operating from either a 3.3-V, 5-V or 12-V
input, the modules generate a VTT output that will source or sink up to 15 A of current (12 A for 12-V input) to
accurately track their VREF input. VTT is the required bus termination supply voltage, and VREF is the reference
voltage for the memory and chipset bus receiver comparators. VREF is usually set to half the VDDQ power supply
voltage.
Both the PTHxx010Y series employs an actively switched synchronous rectifier output to provide state-of-the-art
stepdown switching conversion. The products are small in size (1.37 in × 0.62 in), and are an ideal choice where
space, performance, and high efficiency are desired, along with the convenience of a ready-to-use module.
Operating features include an on/off inhibit and output over-current protection (source mode only). The on/off
inhibit feature allows the VTT bus to be turned off to save power in a standby mode of operation. To ensure tight
load regulation, an output remote sense is also provided. Package options include both throughhole and surface
mount configurations.




Similar Part No. - PTH03010YAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03010YAD TI-PTH03010YAD Datasheet
776Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
logo
Emerson Network Power
PTH03010YAD EMERSON-NETWORKPOWER-PTH03010YAD Datasheet
1Mb / 5P
DC-DC CONVERTERS
PTH03010YADT EMERSON-NETWORKPOWER-PTH03010YADT Datasheet
1Mb / 5P
DC-DC CONVERTERS
More results


Similar Description - PTH03010YAD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PTH03060Y TI-PTH03060Y Datasheet
838Kb / 19P
MEMORY BUS TERMINATION MODULES
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
PTHXX060Y ARTESYN-PTHXX060Y Datasheet
232Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3718 LINER-LTC3718 Datasheet
243Kb / 20P
Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com