Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12030W Datasheet (PDF) - Texas Instruments

PTH12030W Datasheet PDF - Texas Instruments
Part # PTH12030W
Download  PTH12030W Download
File Size   865.89 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH12030W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH12030W Datasheet PDF - Texas Instruments

Part # PTH12030W
Download  PTH12030W Click to download

File Size   865.89 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH12030W Datasheet (HTML) - Texas Instruments


PTH12030W Product details

1FEATURES
2· Up to 26 A Output Current
· 12-V Input Voltage
· Wide-Output Voltage Adjust
(1.2 V to 5.5 V) / (0.8 V to 1.8 V)
· Efficiencies up to 94%
· 235 W/in3 Power Density
· On/Off Inhibit
· Output Voltage Sense
· Prebias Startup
· Margin Up/Down Controls
· Dual-Phase Topology
· Auto-Track™ Sequencing
· Undervoltage Lockout
· Output Overcurrent Protection
(Non-Latching, Auto-Reset)
· Overtemperature Protection
· Operating Temperature: –40°C to 85°C
· Safety Agency Approvals:
UL/IEC/CSA-C22.2 60950-1
· Point of Load Alliance (POLA) Compatible

APPLICATIONS
· Multi-voltage, multi-processor systems

DESCRIPTION
The PTH12030 is a series of high current, non-isolated power module from Texas Instruments. This product is
characterized by high efficiencies, and up to 26 A of output current, while occupying a small PCB area of
1.64 in2. In terms of cost, size, and performance, the series provides OEM’s with a flexible module that meets the
requirements of the most complex and demanding mixed-signal applications. These include the most densly
populated, multiprocessor systems that incorporate the high-speed TMS320™ DSP family, microprocessors, and
ASICs.
The series uses double-sided surface mount construction and provides high-performance step-down power
conversion from a 12-V input bus voltage. The output voltage of the W-suffix parts can be set to any value over
the range, 1.2 V to 5.5 V. The L-suffix parts have an adjustment range of 0.8 V to 1.8 V. The output voltage is set
using a single resistor.
This series includes Auto-Track™. Auto-Track simplifies power-up and power-down supply voltage sequencing in
a system by enabling modules to track each other, or any other external voltage.
Each model also includes an on/off inhibit, output voltage adjust (trim), and margin up/down controls, and the
ability to start up into an existing prebias. An output voltage sense ensures tight load regulation, and an output
overcurrent and thermal shutdown feature provide for protection against external load faults.
Package options inlude both through-hole and surface mount configurations.




Similar Part No. - PTH12030W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12030W TI-PTH12030W Datasheet
823Kb / 26P
26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12030WAD TI-PTH12030WAD Datasheet
823Kb / 26P
26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Emerson Network Power
PTH12030WAD EMERSON-NETWORKPOWER-PTH12030WAD Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12030WADT EMERSON-NETWORKPOWER-PTH12030WADT Datasheet
207Kb / 4P
DC-DC CONVERTERS
logo
Texas Instruments
PTH12030WAH TI-PTH12030WAH Datasheet
823Kb / 26P
26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Similar Description - PTH12030W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12030W TI-PTH12030W Datasheet
823Kb / 26P
26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com