Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB48560BAS Datasheet (PDF) - Texas Instruments

PTB48560BAS Datasheet PDF - Texas Instruments
Part # PTB48560BAS
Download  PTB48560BAS Download
File Size   870.21 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK™ SEQUENCING

PTB48560BAS Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB48560BAS Datasheet PDF - Texas Instruments

Part # PTB48560BAS
Download  PTB48560BAS Click to download

File Size   870.21 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK™ SEQUENCING

PTB48560BAS Datasheet (HTML) - Texas Instruments


PTB48560BAS Product details

FEATURES
• Input Voltage: 36 V to 75 V
• 30-W Total Output Power
• Output Voltages: 3.3 V, 5 V, and 12 V
• Wide-Output Adjust/Trim
• Up To 88% Efficiency
• Overcurrent Protection
• Overtemperature Shutdown
• Undervoltage Lockout
• Input Overvoltage Protection
• Auto-Track™ Power-Up Sequencing
(Includes Sequenced Output with PTB48560B)
• Smart-Sense Remote Sensing (PTB48560B)
• Dual-Logic Enable Control
• Space-Saving 1×2 Footprint
• Surface Mount Package
• 1500-Vdc Isolation
• Agency Approvals (Pending):
UL/cUL 60950, EN 60950

APPLICATIONS
• Intermediate Bus Architectures
• Telecom, High-End Computing Platforms
• Multi-Rail Power Systems with
Power-Up Sequencing

DESCRIPTION
The PTB48560x is a series of 30–W rated isolated dc/dc converters, designed to operate from a standard -48–V
telecom central office (CO) supply. Housed in a 1×2 package, each model has a wide-adjust output voltage that
can be set to one of the common intermediate bus voltages of 3.3 V, 5 V, or 12 V.
The PTB48560 series incorporates Auto-Track™, a feature that simplifies the power-up sequencing of multiple
power modules and operates from the same intermediate bus. During a power-up cycle, modules with this
feature have the capability of following a common ramp voltage applied to an input called Track. The PTB48560
series is specifically designed to control the Track voltage of any number of nonisolated downstream modules
powered from its output. This ensures that the outputs of the downstream modules all rise simultaneously during
power up. The PTB48560B (3.3 V) has an additional sequenced output, VO Seq, which also rises with the Track
voltage. This allows the VO Seq output to power up simultaneously with the outputs from other power modules
under the control of Auto-Track.
Whether used to facilitate power-up sequencing, or operated as a stand-alone module, the PTB48560 series
includes many other features expected of high-performance dc/dc converter modules. Precise output voltage
regulation is ensured with a differential remote sense. Operational features include an input undervoltage lockout
(UVLO) and a dual-logic output enable control. Overcurrent and overtemperature protection ensure survival
against load faults.Typical applications include distributed power architectures in both telecom and computing
environments, particularly complex digital systems requiring power sequencing of multiple power supply rails.




Similar Part No. - PTB48560BAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560BAS TI-PTB48560BAS Datasheet
798Kb / 28P
30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
More results


Similar Description - PTB48560BAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4582 TI-PT4582 Datasheet
181Kb / 9P
30-W 24/48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4562C TI-PT4562C Datasheet
436Kb / 12P
30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
30-W 48-V Input Isolated DC/DC Converter
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
AUTO-TRACK??SEQUENCING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com