Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG104 Datasheet (PDF) - Texas Instruments

REG104 Datasheet PDF - Texas Instruments
Part # REG104
Download  REG104 Download
File Size   797.31 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DMOS 1A Low-Dropout Regulator

REG104 Datasheet (PDF)

Go To PDF Page Download Datasheet
REG104 Datasheet PDF - Texas Instruments

Part # REG104
Download  REG104 Click to download

File Size   797.31 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DMOS 1A Low-Dropout Regulator

REG104 Datasheet (HTML) - Texas Instruments


REG104 Product details

FEATURES
NEW DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
230mV typ at 1A and 3.3V Output
Output Capacitor NOT Required for Stability
FAST TRANSIENT RESPONSE
VERY LOW NOISE: 33μVRMS
HIGH ACCURACY: ±2% max
HIGH EFFICIENCY:
IGND = 1.7mA at IOUT = 1A
Not Enabled: IGND = 0.5μA
2.5V, 2.7V, 3.0V, 3.3V, 5.0V AND
ADJUSTABLE OUTPUT VERSIONS
THERMAL PROTECTION
SMALL SURFACE-MOUNT PACKAGES:
SOT223-5, DDPAK-5

APPLICATIONS
PORTABLE COMMUNICATION DEVICES
BATTERY-POWERED EQUIPMENT
MODEMS
BAR-CODE SCANNERS
BACKUP POWER SUPPLIES

DESCRIPTION
The REG104 is a family of low-noise, low-dropout linear
regulators with low ground pin current. Its new DMOS topology
provides significant improvement over previous designs,
including low dropout voltage (only 230mV typ at full load),
and better transient performance. In addition, no output
capacitor is required for stability, unlike conventional low
dropout regulators that are difficult to compensate and
require expensive low ESR capacitors greater than 1μF.
Typical ground pin current is only 1.7mA (at IOUT = 1A) and
drops to 0.5μA in not enabled mode. Unlike regulators with
PNP pass devices, quiescent current remains relatively constant
over load variations and under dropout conditions.
The REG104 has very low output noise (typically 33μVRMS
for VOUT = 3.3V with CNR = 0.01μF), making it ideal for use
in portable communications equipment. On-chip trimming
results in high output voltage accuracy. Accuracy is maintained
over temperature, line, and load variations. Key parameters
are tested over the specified temperature range
(–40°C to +85°C).
The REG104 is well protected—internal circuitry provides a
current limit which protects the load from damage. Thermal
protection circuitry keeps the chip from being damaged by
excessive temperature. The REG104 is available in the
DDPAK-5 and the SOT223-5.




Similar Part No. - REG104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG104 TI-REG104 Datasheet
439Kb / 22P
DMOS 1A Low-Dropout Regulator
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
REG104FA TI-REG104FA Datasheet
439Kb / 22P
DMOS 1A Low-Dropout Regulator
REG104FA-2.5 TI-REG104FA-2.5 Datasheet
439Kb / 22P
DMOS 1A Low-Dropout Regulator
More results


Similar Description - REG104

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
Texas Instruments
REG104 TI-REG104 Datasheet
439Kb / 22P
DMOS 1A Low-Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
1A Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com