Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5020A-Q1 Datasheet (PDF) - Texas Instruments

REF5020A-Q1 Datasheet PDF - Texas Instruments
Part # REF5020A-Q1
Download  REF5020A-Q1 Download
File Size   851.3 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF50xxA-Q1 Low-Noise, Very Low Drift, Precision Voltage Reference

REF5020A-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF5020A-Q1 Datasheet PDF - Texas Instruments

Part # REF5020A-Q1
Download  REF5020A-Q1 Click to download

File Size   851.3 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF50xxA-Q1 Low-Noise, Very Low Drift, Precision Voltage Reference

REF5020A-Q1 Datasheet (HTML) - Texas Instruments


REF5020A-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• Low Temperature Drift
– Standard Grade: 8 ppm/°C (max)
• High Accuracy
– Standard Grade: 0.1% (max)
• Low Noise: 3 μVPP/V
• Excellent Long-Term Stability:
– 5 ppm/1000 hr (typ) after 1000 hours
• High Output Current: ±10 mA
• Temperature Range: –40°C to 125°C

2 Applications
• 16-Bit Data Acquisition Systems
• ATE Equipment
• Industrial Process Control
• Medical Instrumentation
• Optical Control Systems
• Precision Instrumentation

3 Description
The REF50xxA-Q1 family of devices is low-noise,
low-drift, very-high precision-voltage reference. These reference devices are capable of both sinking and
sourcing, and are very robust with regard to line and
load changes.
Excellent temperature drift (3 ppm/°C) and high
accuracy (0.05%) are achieved using proprietary
design techniques. These features combined with very low noise make the REF50xxA-Q1 family of
devices ideal for use in high-precision data
acquisition systems.
Each reference voltage is available in a standardgrade
versions. The devices are offered in SO-8
packages and are specified from –40°C to 125°C.




Similar Part No. - REF5020A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
1Mb / 25P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Similar Description - REF5020A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5050A-Q1 TI-REF5050A-Q1_15 Datasheet
1Mb / 25P
REF50xxA-Q1 Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com