Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

248 Datasheet (PDF) - Adafruit Industries

248 Datasheet PDF - Adafruit Industries
Part # 248
Download  248 Download
File Size   149.89 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 6 x AA battery holder with 5.5mm/2.1mm plug

248 Datasheet (PDF)

Go To PDF Page Download Datasheet
248 Datasheet PDF - Adafruit Industries

Part # 248
Download  248 Click to download

File Size   149.89 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 6 x AA battery holder with 5.5mm/2.1mm plug

248 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 248

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
248 VISHAY-248 Datasheet
97Kb / 3P
1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
02-Jul-07
248 VISHAY-248 Datasheet
82Kb / 5P
1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
30-Aug-17
logo
3M Electronics
248-1282-00-0602J 3M-248-1282-00-0602J Datasheet
240Kb / 3P
For DIPs with .100" (2.54 mm) lead spacing
18-Aug-2000
logo
AG Electronica
248-1282-00-0602J AGELECTRONICA-248-1282-00-0602J Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
248-1282-00-0602J AGELECTRONICA-248-1282-00-0602J Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
More results


Similar Description - 248

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-36-2A POWERDYNAMICS-PDSN-36-2A Datasheet
51Kb / 1P
6 CELL TYPE AA BATTERY HOLDER
logo
List of Unclassifed Man...
12BH36B-GR ETC2-12BH36B-GR Datasheet
171Kb / 2P
6 AA Battery Holder with Solder Tabs
12BH212A-GR ETC2-12BH212A-GR Datasheet
200Kb / 1P
2 AA Battery Holder with 6 Wire Leads
12BH350-GR ETC2-12BH350-GR Datasheet
190Kb / 1P
4 AA Battery Holder with 6 Wire Leads
12BH361A-GR ETC2-12BH361A-GR Datasheet
197Kb / 1P
6 AA Battery Holder with 6 Wire Leads
12BH361B-GR ETC2-12BH361B-GR Datasheet
98Kb / 1P
6 AA Battery Holder with Snaps
12BH361C-GR ETC2-12BH361C-GR Datasheet
239Kb / 2P
6 AA Battery Holder with 6 Wire Leads
12BH363D-GR ETC2-12BH363D-GR Datasheet
143Kb / 1P
6 AA Battery Holder with Solder Tabs
12BH365A-GR ETC2-12BH365A-GR Datasheet
207Kb / 1P
6 AA Battery Holder with 6 Wire Leads
12BH365-GR ETC2-12BH365-GR Datasheet
38Kb / 1P
6 AA Battery Holder with Snaps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com