Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP-FSBA-1970. Datasheet (PDF) - Amphenol RF.

PSMP-FSBA-1970. Datasheet PDF - Amphenol RF.
Part # PSMP-FSBA-1970.
Download  PSMP-FSBA-1970. Download
File Size   2171.04 Kbytes
Page   2 Pages
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.
Description PSMP Board to Board Connectors

PSMP-FSBA-1970. Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMP-FSBA-1970. Datasheet PDF - Amphenol RF.

Part # PSMP-FSBA-1970.
Download  PSMP-FSBA-1970. Click to download

File Size   2171.04 Kbytes
Page   2 Pages
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.
Description PSMP Board to Board Connectors

PSMP-FSBA-1970. Datasheet (HTML) - Amphenol RF.


PSMP-FSBA-1970. Product details

Features and Benefits

« High Frequency operation up to 10 GHz
200 W @ 2.2GHz continuous power
12.6 mm minimum board spacing.

« Axial misalignment: +/- 1 mm

«Snap-on coupling (Limited Detent Parts)
Applications

«Base Stations

+ Radios

«Filters

« Amplifiers

«Handheld Radio




Similar Part No. - PSMP-FSBA-1970.

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
PSMP-FSBA-1000 RF-PSMP-FSBA-1000 Datasheet
229Kb / 1P
PSMP BULLET 10.0mm LONG
20-Nov-15
PSMP-FSBA-1042 RF-PSMP-FSBA-1042 Datasheet
231Kb / 1P
PSMP BULLET 10.42mm LONG
02-Nov-15
More results


Similar Description - PSMP-FSBA-1970.

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Omron Electronics LLC
XH3 OMRON-XH3 Datasheet
1Mb / 10P
Half-pitch Board-to-Board Connectors
logo
AVX Corporation
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Omron Electronics LLC
XH2 OMRON-XH2 Datasheet
327Kb / 8P
Half-pitch Board-to-Board Connectors
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
0.4mm pitch/ Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
Board-to-board connectors
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com