Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN921260 Datasheet (PDF) - Texas Instruments

SCAN921260 Datasheet PDF - Texas Instruments
Part # SCAN921260
Download  SCAN921260 Download
File Size   807.86 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST

SCAN921260 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAN921260 Datasheet PDF - Texas Instruments

Part # SCAN921260
Download  SCAN921260 Click to download

File Size   807.86 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST

SCAN921260 Datasheet (HTML) - Texas Instruments


SCAN921260 Product details

1FEATURES
2• IEEE 1149.1 (JTAG) Compliant and At-Speed
BIST Test Modes
• Deserializes One to Six BusLVDS Input Serial
Data Streams With Embedded Clocks
• Seven Selectable Serial Inputs to Support N+1
Redundancy of Deserialized Streams
• Seventh Channel Has Single Pin Monitor
Output That Reflects Input From Seventh
Channel Input
• Parallel Clock Rate Up To 66 MHz
• On Chip Filtering for PLL
• High Impedance Inputs Upon Power Off (V cc =
0V)
• Single Power Supply at +3.3V
• 196-Pin NFBGA Package (Low-Profile Ball Grid
Array) Package
• Industrial Temperature Range Operation: −40
to +85

DESCRIPTION
The SCAN921260 integrates six deserializer devices
into a single chip. The SCAN921260 can
simultaneously deserialize up to six data streams that
have been serialized by the Texas Instruments
SCAN921023 Bus LVDS serializer. The device also
includes a seventh serial input channel that serves as
a redundant input.
Each deserializer block in the SCAN921260 operates
independently with its own clock recovery circuitry
and lock-detect signaling.
The SCAN921260 uses a single +3.3V power supply
with an estimated power dissipation of 1.2W at 3.3V
with a PRBS-15 pattern. Refer to the Connection
Diagrams for packaging information.




Similar Part No. - SCAN921260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921260UJB NSC-SCAN921260UJB Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921260UJB/NOPB TI1-SCAN921260UJB/NOPB Datasheet
739Kb / 22P
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921260UJBX NSC-SCAN921260UJBX Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
More results


Similar Description - SCAN921260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com