Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN926260 Datasheet (PDF) - Texas Instruments

SCAN926260 Datasheet PDF - Texas Instruments
Part # SCAN926260
Download  SCAN926260 Download
File Size   813.42 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST

SCAN926260 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCAN926260 Datasheet PDF - Texas Instruments

Part # SCAN926260
Download  SCAN926260 Click to download

File Size   813.42 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST

SCAN926260 Datasheet (HTML) - Texas Instruments


SCAN926260 Product details

1FEATURES
2• Deserializes One to Six Bus LVDS Input Serial
Data Streams with Embedded Clocks
• IEEE 1149.1 (JTAG) Compliant and At-Speed
BIST Test Modes
• Parallel Clock Rate 16-66MHz
• On Chip Filtering for PLL
• High Impedance Inputs Upon Power Off (Vcc =
0V)
• Single Power Supply at +3.3V
• 196-Pin NFBGA Package (Low-Profile Ball Grid
Array) Package
• Industrial Temperature Range Operation:
−40°C to +85°C
• ROUTn[0:9] and RCLKn Default High when
Channel is Not Locked
• Powerdown Per Channel to Conserve Power
on Unused Channels

DESCRIPTION
The SCAN926260 integrates six 10-bit deserializer
devices into a single chip. The SCAN926260 can
simultaneously deserialize up to six data streams that
have been serialized by TI’s 10-bit Bus LVDS
serializers. In addition, the SCAN926260 is compliant
with IEEE standard 1149.1 and also features an At-
Speed Built-In Self Test (BIST). For more details,
please see the sections titled IEEE 1149.1 Test
Modes and BIST Alone Test Modes.
Each deserializer block in the SCAN926260 has it’s own powerdown pin (PWRDWN[n])and operates
independently with its own clock recovery circuitry
and lock-detect signaling. In addition, a master
powerdown pin (MS_PWRDWN) which puts all the
entire device into sleep mode is provided.
The SCAN926260 uses a single +3.3V power supply
and consumes 1.2W at 3.3V with a PRBS-15 pattern
on all channels at 660Mbps.




Similar Part No. - SCAN926260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN926260 TI1-SCAN926260 Datasheet
1Mb / 25P
SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
National Semiconductor ...
SCAN926260TUF NSC-SCAN926260TUF Datasheet
372Kb / 18P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Similar Description - SCAN926260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 TI1-SCAN926260_14 Datasheet
1Mb / 25P
SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com