Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM72480 Datasheet (PDF) - Texas Instruments

SM72480 Datasheet PDF - Texas Instruments
Part # SM72480
Download  SM72480 Download
File Size   917.59 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor

SM72480 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM72480 Datasheet PDF - Texas Instruments

Part # SM72480
Download  SM72480 Click to download

File Size   917.59 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor

SM72480 Datasheet (HTML) - Texas Instruments


SM72480 Product details

1FEATURES
2• Renewable Energy Grade
• Low 1.6V Operation
• Latching Function: Device Can Latch the Over
Temperature Condition
• Push-pull and Open-Drain Temperature Switch
Outputs
• Very Linear Analog VTEMP Temperature Sensor
Output
• V TEMP Output Short-circuit Protected
• 2.2 mm by 2.5 mm (typ) WSON-6 Package
• Excellent Power Supply Noise Rejection

APPLICATIONS
• PV Power Optimizers
• Wireless Transceivers
• Battery Management
• Automotive

KEY SPECIFICATIONS
• Supply Voltage 1.6V to 5.5V
• Supply Current 8 μA (typ)
• Accuracy, Trip Point Temperature 0°C to 150°C
±2.2°C
• Accuracy, VTEMP 0°C to 150°C ±2.3°C
• VTEMP Output Drive ±100 μA
• Operating Temperature −50°C to 150°C
• Hysteresis Temperature 4.5°C to 5.5°C

DESCRIPTION
The SM72480 is a low-voltage, precision, dual-output,
low-power temperature switch and temperature
sensor. The temperature trip point (TTRIP) is set at the
factory to be 120°C. Built-in temperature hysteresis
(THYST) keeps the output stable in an environment of
temperature instability.
In normal operation the SM72480 temperature switch
outputs assert when the die temperature exceeds
TTRIP. The temperature switch outputs will reset when
the temperature falls below a temperature equal to
(TTRIP − THYST). The OVERTEMP digital output, is
active-high with a push-pull structure, while the
OVERTEMP digital output, is active-low with an opendrain
structure.
The analog output, VTEMP, delivers an analog output
voltage with Negative Temperature Coefficient —
NTC.
Driving the TRIP TEST input high: (1) causes the
digital outputs to be asserted for in-situ verification
and, (2) causes the threshold voltage to appear at the
VTEMP output pin, which could be used to verify the
temperature trip point.
The SM72480's low minimum supply voltage makes it
ideal for 1.8 volt system designs. Its wide operating
range, low supply current , and excellent accuracy
provide a temperature switch solution for a wide
range of commercial and industrial applications.
• Disk Drives




Similar Part No. - SM72480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72480 NSC-SM72480 Datasheet
491Kb / 18P
SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
SM72480 TI1-SM72480 Datasheet
1Mb / 26P
SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
logo
National Semiconductor ...
SM72480SD-105 NSC-SM72480SD-105 Datasheet
491Kb / 18P
SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
SM72480SD-105/NOPB TI1-SM72480SD-105/NOPB Datasheet
1Mb / 26P
SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
logo
National Semiconductor ...
SM72480SD-120 NSC-SM72480SD-120 Datasheet
491Kb / 18P
SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
More results


Similar Description - SM72480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LV NSC-LM26LV_08 Datasheet
546Kb / 20P
1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
SM72480 NSC-SM72480 Datasheet
491Kb / 18P
SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
SM72480 TI1-SM72480 Datasheet
1Mb / 26P
SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
LM26LV TI1-LM26LV_15 Datasheet
1Mb / 33P
1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com