Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55LBC172 Datasheet (PDF) - Texas Instruments

SN55LBC172 Datasheet PDF - Texas Instruments
Part # SN55LBC172
Download  SN55LBC172 Download
File Size   820.75 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER

SN55LBC172 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55LBC172 Datasheet PDF - Texas Instruments

Part # SN55LBC172
Download  SN55LBC172 Click to download

File Size   820.75 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER

SN55LBC172 Datasheet (HTML) - Texas Instruments


SN55LBC172 Product details

Meets Standard EIA-485
Designed for High-Speed Multipoint
Transmission on Long Bus Lines in Noisy
Environments
Supports Data Rates up to and Exceeding
Ten Million Transfers Per Second
Common-Mode Output Voltage Range of
–7 V to 12 V
Positive- and Negative-Current Limiting
Low Power Consumption . . . 1.5 mA Max
(Output Disabled)

description
The SN55LBC172 is a monolithic quadruple
differential line driver with 3-state outputs. This
device is designed to meet the requirements of the
Electronics Industry Association (EIA) standard
RS-485. The SN55LBC172 is optimized for
balanced multipoint bus transmission at data
rates up to and exceeding 10 million bits per
second. The driver features wide positive and
negative common-mode output voltage ranges,
current limiting, and thermal-shutdown circuitry,
making it suitable for party-line applications in
noisy environments. The device is designed using
the LinBiCMOS process, facilitating ultralow
power consumption and inherent robustness.
The SN55LBC172 provides positive- and negative-current limiting and thermal shutdown for protection from
line fault conditions on the transmission bus line. This device offers optimum performance when used with the
SN55LBC173M quadruple line receiver.




Similar Part No. - SN55LBC172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
392Kb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI1-SN55LBC172 Datasheet
1Mb / 18P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172FK TI-SN55LBC172FK Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172J TI-SN55LBC172J Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results


Similar Description - SN55LBC172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com