Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55LBC174 Datasheet (PDF) - Texas Instruments

SN55LBC174 Datasheet PDF - Texas Instruments
Part # SN55LBC174
Download  SN55LBC174 Download
File Size   807.59 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER

SN55LBC174 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55LBC174 Datasheet PDF - Texas Instruments

Part # SN55LBC174
Download  SN55LBC174 Click to download

File Size   807.59 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER

SN55LBC174 Datasheet (HTML) - Texas Instruments


SN55LBC174 Product details

Meets EIA Standard RS-485
Designed for High-Speed Multipoint
Transmission on Long Bus Lines in Noisy
Environments
Supports Data Rates up to and Exceeding
Ten Million Transfers Per Second
Common-Mode Output Voltage Range of
−7 V to 12 V
Positive- and Negative-Current Limiting
Low Power Consumption . . . 1.5 mA Max
(Output Disabled)

description
The SN55LBC174 is composed of monolithic
quadruple differential line drivers with 3-state
outputs. This device is designed to meet the
requirements of the Electronics Industry
Association (EIA) Standard RS-485 and is
optimized for balanced multipoint bus
transmission at data rates up to and exceeding 10
million bits per second. Each driver features wide
positive and negative common-mode output
voltage ranges, current limiting, and
thermal-shutdown protection making it suitable
for party-line applications in noisy environments.
This device is designed using LinBiCMOS,
facilitating ultra-low power consumption and
inherent robustness.
The SN55LBC174 provides positive and negative-current limiting and thermal shutdown for protection from line
fault conditions on the transmission bus line. This device offers optimum performance when used with the
SN55LBC173 quadruple line receiver. The SN55LBC174 is available in the 16-pin CDIP package (J), the 16-pin
CPAK (W), or the 20-pin LCCC package (FK).
The SN55LBC174 is characterized for operation over the military temperature range of −55°C to 125°C.




Similar Part No. - SN55LBC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174 Datasheet
305Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174 Datasheet
1Mb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55LBC174FK TI-SN55LBC174FK Datasheet
138Kb / 9P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174J TI-SN55LBC174J Datasheet
138Kb / 9P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results


Similar Description - SN55LBC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com