Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55LBC175 Datasheet (PDF) - Texas Instruments

SN55LBC175 Datasheet PDF - Texas Instruments
Part # SN55LBC175
Download  SN55LBC175 Download
File Size   803.01 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER

SN55LBC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55LBC175 Datasheet PDF - Texas Instruments

Part # SN55LBC175
Download  SN55LBC175 Click to download

File Size   803.01 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER

SN55LBC175 Datasheet (HTML) - Texas Instruments


SN55LBC175 Product details

Meets EIA Standards RS-422-A, RS-423-A,
RS-485, and CCITT V.11
Designed to Operate With Pulse Durations
as Short as 20 ns
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
Input Sensitivity . . . ±200 mV
Low-Power Consumption . . . 20 mA Max
Open-Circuit Fail-Safe Design
Common-Mode Input Voltage Range of
–7 V to 12 V

description
The SN55LBC175 is a monolithic quadruple
differential line receiver with 3-state outputs and is
designed to meet the requirements of the EIA
Standards RS-422-A, RS-423-A, RS-485, and
CCITT V.11. This device is optimized for balanced
multipoint bus transmission at data rates up to and
exceeding 10 million bits per second. The
receivers are enabled in pairs with an active-high
enable input. Each differential receiver input
features high impedance, hysteresis for
increased noise immunity, and sensitivity of ±200
mV over a common-mode input voltage range of
12 V to –7 V. Fail-safe design ensures that if the
inputs are open-circuited, the outputs are always
high. This device is designed using the Texas
Instruments proprietary LinBiCMOSE technology
allowing low power consumption, high switching
speeds, and robustness.
This device offers optimum performance when used with the SN55LBC174 quadruple line driver. The
SN55LBC175 is available in the 16-pin CDIP (J) package, a 16-pin CPAK (W) package, or a 20-pin LCCC (FK)
package.
The SN55LBC175 is characterized over the military temperature range of –55°C to 125°C.




Similar Part No. - SN55LBC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
321Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI2-SN55LBC175 Datasheet
1Mb / 23P
SN65LBC175, SN75LBC175 Quadruple Low-Power Differential Line Receivers
REVISED NOVEMBER 2023
SN55LBC175FK TI-SN55LBC175FK Datasheet
137Kb / 8P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175J TI-SN55LBC175J Datasheet
137Kb / 8P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
More results


Similar Description - SN55LBC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com