Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65ALS1176 Datasheet (PDF) - Texas Instruments

SN65ALS1176 Datasheet PDF - Texas Instruments
Part # SN65ALS1176
Download  SN65ALS1176 Download
File Size   979.26 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65ALS1176 Differential Bus Transceiver

SN65ALS1176 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65ALS1176 Datasheet PDF - Texas Instruments

Part # SN65ALS1176
Download  SN65ALS1176 Click to download

File Size   979.26 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65ALS1176 Differential Bus Transceiver

SN65ALS1176 Datasheet (HTML) - Texas Instruments


SN65ALS1176 Product details

1 Features
• Meets or exceeds the requirements of
TIA/EIA-422-B, TIA/EIA-485-A, and ITU
recommendations V.11 and X.27
• Operates at data rates up to 35 MBaud
• Operating temperature range: –25°C to 85°C
• Designed for multipoint transmission on long bus
lines in noisy environments
• Low supply-current requirement: 30 mA max
• Wide positive and negative input/output busvoltage
ranges
• Thermal-shutdown protection
• Driver positive- and negative-current limiting
• Receiver input hysteresis
• Glitch-free power-up and power-down protection
• Receiver open-circuit fail-safe design
• Package options include plastic small-outline (D)
package and (P) DIPs

2 Applications
• PROFIBUS

3 Description
The SN65ALS1176 differential bus transceiver is
designed for bidirectional data communication on
multipoint bus transmission lines. The device is
designed for balanced transmission lines and
meets TIA/EIA-422-B, TIA/EIA-485-A, and ITU
Recommendations V.11 and X.27.
The SN65ALS1176 combines a 3-state differential line
driver and a differential input line receiver, both of
which operate from a single 5-V power supply. The
driver and receiver have active-high and active-low
enables, respectively, that can be connected together
externally to function as a direction control. The driver
differential outputs and the receiver differential inputs
are connected internally to form a differential input/
output (I/O) bus port that is designed to offer minimum
loading to the bus when the driver is disabled or VCC
= 0. This port features wide positive and negative
common-mode voltage ranges, making the device an
excellent choice for party-line applications.
The SN65ALS1176 is characterized for operation from
– 25°C to 85°C.




Similar Part No. - SN65ALS1176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
427Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176D TI-SN65ALS1176D Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176D TI-SN65ALS1176D Datasheet
427Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176DE4 TI-SN65ALS1176DE4 Datasheet
427Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
More results


Similar Description - SN65ALS1176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com