Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65HVD09 Datasheet (PDF) - Texas Instruments

SN65HVD09 Datasheet PDF - Texas Instruments
Part # SN65HVD09
Download  SN65HVD09 Download
File Size   807.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-CHANNEL RS-422 / RS-485 TRANSCEIVER

SN65HVD09 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD09 Datasheet PDF - Texas Instruments

Part # SN65HVD09
Download  SN65HVD09 Click to download

File Size   807.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-CHANNEL RS-422 / RS-485 TRANSCEIVER

SN65HVD09 Datasheet (HTML) - Texas Instruments


SN65HVD09 Product details

1FEATURES
· Designed to Operate at up to 20 Million Data
Transfers per Second on Each RS-422/RS-485
Channel
· SN65HVD09 Packaged in Thin Shrink
Small-Outline Package with 0.5-mm Pin Pitch
· ESD Protection on Bus Pins Exceeds 12kV
· Low Disabled Supply Current 8 mA Typ
· Thermal Shutdown Protection
· Positive- and Negative-Current Limiting
· Power-Up/Down Glitch Protection

DESCRIPTION
The SN65HVD09 is a 9-channel RS-422 / RS-485
transceiver suitable for industrial applications. It offers
improved switching performance, a small package,
and high ESD protection. The precise skew limits
ensures that the propagation delay times, not only
from channel-to-channel but from device-to-device,
are closely matched for the tight skew budgets
associated with high-speed parallel data buses.
Patented thermal enhancements are used in the thin
shrink, small-outline package (TSSOP), allowing
operation over the industrial temperature range. The
TSSOP package offers very small board area
requirements while reducing the package height to
1 mm. This provides more board area and allows
component mounting to both sides of the printed
circuit boards for low-profile, space-restricted
applications such as small form-factor hard disk
drives.
The HVD09 can withstand electrostatic discharges
exceeding 12 kV using the human-body model, and
600 V using the machine model on the RS-485 I/O
terminals. This provides protection from the noise that
can be coupled into external cables. The other
terminals of the device can withstand discharges
exceeding 4 kV and 400 V respectively.
Each of the nine half-duplex channels of the HVD09
is designed to operate with either RS-422 or RS-485
communication networks.
The SN65HVD09 is characterized for operation over
an ambient air temperature range of –40°C to 85°C.




Similar Part No. - SN65HVD09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD09 TI-SN65HVD09 Datasheet
606Kb / 25P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09 TI2-SN65HVD09 Datasheet
823Kb / 29P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
DECEMBER 2008
SN65HVD09-EP TI1-SN65HVD09-EP Datasheet
399Kb / 26P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09-EP TI2-SN65HVD09-EP Datasheet
823Kb / 29P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
DECEMBER 2008
SN65HVD09DGG TI-SN65HVD09DGG Datasheet
606Kb / 25P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
More results


Similar Description - SN65HVD09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
SN65HVD09 TI-SN65HVD09 Datasheet
606Kb / 25P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09-EP TI1-SN65HVD09-EP Datasheet
399Kb / 26P
9-CHANNEL RS-422 / RS-485 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com