Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65HVD256DR Datasheet (PDF) - Texas Instruments

SN65HVD256DR Datasheet PDF - Texas Instruments
Part # SN65HVD256DR
Download  SN65HVD256DR Download
File Size   957.78 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety

SN65HVD256DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD256DR Datasheet PDF - Texas Instruments

Part # SN65HVD256DR
Download  SN65HVD256DR Click to download

File Size   957.78 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety

SN65HVD256DR Datasheet (HTML) - Texas Instruments


SN65HVD256DR Product details

1 Features
1• Meets the Requirements of ISO11898-2
• Turbo CAN:
– Short and Symmetrical Propagation Delay
Times and Fast Loop Times for Enhanced
Timing Margin
– Higher Data Rates in CAN Networks
• I/O Voltage Range Supports 3.3-V and 5-V MCUs
• Ideal Passive Behavior When Unpowered
– Bus and Logic Pins are High Impedance (No
Load)
– Power Up and Power Down With Glitch-Free
Operation on Bus
• Protection Features
– HBM ESD Protection Exceeds ±12 kV
– Bus Fault Protection –27 V to 40 V
– Undervoltage Protection on Supply Pins
– Driver Dominant Time Out (TXD DTO)
– SN65HVD257: Receiver-Dominant Time Out
(RXD DTO)
– SN65HVD257: FAULT Output Pin
– Thermal Shutdown Protection
• Characterized for –40°C to 125°C Operation

2 Applications
• 1-Mbps Operation in Highly Loaded CAN
Networks Down to 10-kbps Networks Using TXD
DTO
• Industrial Automation, Control, Sensors, and Drive
Systems
• Building, Security, and Climate Control
Automation
• Telecom Base Station Status and Control
• SN65HVD257: Functional Safety With Redundant
and Multitopology CAN networks
• CAN Bus Standards Such as CANopen,
DeviceNet, NMEA2000, ARNIC825, ISO11783,
and CANaerospace

3 Description
This CAN transceiver meets the ISO1189-2 High
Speed CAN (Controller Area Network) Physical Layer standard. It is designed for data rates in excess of
1 Mbps for CAN in short networks, and enhanced
timing margin and higher data rates in long and
highly-loaded networks. The device provides many
protection features to enhance device and CANnetwork
robustness. The SN65HVD257 device adds
additional features, allowing for easy design of
redundant and multitopology networks with fault
indication for higher levels of functional safety in the
CAN system.




Similar Part No. - SN65HVD256DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
SN65HVD256DR TI1-SN65HVD256DR Datasheet
647Kb / 21P
CAN Transceiver with Fast Loop Times for Highly Loaded Networks
SN65HVD256DR TI2-SN65HVD256DR Datasheet
958Kb / 37P
SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety
REVISED MAY 2015
SN65HVD256DR.A TI2-SN65HVD256DR.A Datasheet
958Kb / 37P
SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety
REVISED MAY 2015
SN65HVD256DRG4 TI2-SN65HVD256DRG4 Datasheet
958Kb / 37P
SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety
REVISED MAY 2015
More results


Similar Description - SN65HVD256DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MD-4DR ETC2-MD-4DR Datasheet
92Kb / 6P
Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
logo
Texas Instruments
SN65LVCP15 TI-SN65LVCP15 Datasheet
302Kb / 9P
Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
logo
ON Semiconductor
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
Turbo CAN Transceivers
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
Signal and Power Isolated, CAN Transceivers for CAN FD
11/2018-Rev. 0 to Rev. A
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
Nearly 40% higher peak data rates and up to 4x capacity
logo
Infineon Technologies A...
TLF35585QVS01 INFINEON-TLF35585QVS01 Datasheet
553Kb / 10P
Functional safety PMIC
Rev. 1.0 2023-02-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com