Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65HVS882PWPR.A Datasheet (PDF) - Texas Instruments

SN65HVS882PWPR.A Datasheet PDF - Texas Instruments
Part # SN65HVS882PWPR.A
Download  SN65HVS882PWPR.A Download
File Size   824.88 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER

SN65HVS882PWPR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVS882PWPR.A Datasheet PDF - Texas Instruments

Part # SN65HVS882PWPR.A
Download  SN65HVS882PWPR.A Click to download

File Size   824.88 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER

SN65HVS882PWPR.A Datasheet (HTML) - Texas Instruments


SN65HVS882PWPR.A Product details

1FEATURES
2· Eight Inputs
– High Input Voltage – up to 34 V
– Selectable Debounce Filters – 0 ms to 3 ms
– Flexible Input Current Limit – 0.2 mA to 5.2
mA
– Field Pins Protected to 15-kV HBM ESD
· Output Drivers for External Status LEDs
· Cascadable in Multiples of Eight Inputs
· SPI-Compatible Interface
· Regulated 5-V Output for External Isolator
· Over-Temperature Indicator

APPLICATIONS
· Sensor Inputs for Industrial Automation and
Process Control
· High Channel Count Digital Input Modules for PC and PLC Systems
· Decentralized I/O Modules
· Motion Control Systems

DESCRIPTION
The SN65HVS882 is an eight channel, digital-input serializer for high-channel density digital input modules in
industrial automation. In combination with galvanic isolators the device completes the interface between the high
voltage signals on the field-side and the low-voltage signals on the controller side. Input signals are
current-limited and then validated by internal debounce filters.
With the addition of a few external components, the input switching characteristics can be configured in
accordance with IEC61131-2 for Type 1, 2, and 3 sensor switches.
Upon the application of load and clock signals, input data is latched in parallel into the shift register and
afterwards clocked out serially.
Cascading of multiple devices is possible by connecting the serial output of the leading device with the serial
input of the following device, enabling the design of high-channel count input modules. Multiple devices can be
cascaded through a single serial port, reducing both the isolation channels and controller inputs required.
Input status can be visually indicated via constant current LED outputs. The current limit on the inputs is set by a
single external precision resistor. An integrated voltage regulator provides a 5-V output to supply low-power
isolators. An on-chip temperature sensor provides diagnostic information for graceful shutdown and system
safety.
The SN65HVS882 is available in a 28-pin PWP PowerPAD™ package, allowing for efficient heat dissipation. The
device is characterized for operation at temperatures from -40°C to 125°C.




Similar Part No. - SN65HVS882PWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882PWPR TI-SN65HVS882PWPR Datasheet
758Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWPR TI-SN65HVS882PWPR Datasheet
743Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWPR TI-SN65HVS882PWPR Datasheet
555Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWPRG4 TI-SN65HVS882PWPRG4 Datasheet
743Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWPRG4 TI-SN65HVS882PWPRG4 Datasheet
555Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
More results


Similar Description - SN65HVS882PWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
logo
Texas Instruments
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com