Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD206B Datasheet (PDF) - Texas Instruments

SN65MLVD206B Datasheet PDF - Texas Instruments
Part # SN65MLVD206B
Download  SN65MLVD206B Download
File Size   800.84 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD206B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection

SN65MLVD206B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD206B Datasheet PDF - Texas Instruments

Part # SN65MLVD206B
Download  SN65MLVD206B Click to download

File Size   800.84 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD206B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection

SN65MLVD206B Datasheet (HTML) - Texas Instruments


SN65MLVD206B Product details

1 Features
1• Compatible with the M-LVDS standard TIA/EIA-
899 for multipoint data interchange
• Low-voltage differential 30-Ω to 55-Ω line driver
and receiver for signaling rates(1) up to
200 Mbps, clock frequencies up to 100 MHz
– Type-2 receiver provides an offset threshold to
detect open-circuit and idle-bus conditions
• Bus I/O Protection
– ±8-kV HBM
– ±8-kV IEC 61000-4-2 Contact discharge
• Controlled driver output voltage transition times for
improved signal quality
• –1-V to 3.4-V Common-mode voltage range
allows data transfer with 2 V of ground noise
• Bus pins high impedance when disabled or VCC ≤
1.5 V
• 100-Mbps Device Available (SN65MLVD204B)
• Improved Alternatives to SN65MLVD206
(1) The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the bps of
the unit (bits per second).

2 Applications
• Low-power, high-speed, and short-reach
alternative to TIA/EIA-485
• Backplane or cabled multipoint data and clock
transmission
• Cellular base stations
• Central office switches
• Network switches and routers

3 Description
The SN65MLVD206B device is a multipoint lowvoltage
differential signaling (M-LVDS) line driver and
receiver which is optimized to operate at signaling
rates up to 200 Mbps. This device has a robust 3.3-V
driver and receiver in the standard SOIC footprint for
demanding industrial applications. The bus pins are
robust to ESD events, with high levels of protection to
human-body model and IEC contact discharge
specifications.
The device combines a differential driver and a
differential receiver (transceiver), which operates from
a single 3.3-V supply. The transceiver is optimized to
operate at signaling rates up to 200 Mbps.
The SN65MLVD206B has enhancements over similar
devices. Improved features include a controlled slew
rate on the driver output to help minimize reflections
from unterminated stubs, resulting in better signal
integrity. The same footprint definition was
maintained, allowing for an easy drop-in replacement
for a system performance upgrade. The devices are
characterized for operation from –40°C to 85°C.
The SN65MLVD206B M-LVDS transceiver is part of
the TI extensive M-LVDS portfolio.




Similar Part No. - SN65MLVD206B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD206BD TI1-SN65MLVD206BD Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD206BDR TI1-SN65MLVD206BDR Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
More results


Similar Description - SN65MLVD206B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com