Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD201D Datasheet (PDF) - Texas Instruments

SN65MLVD201D Datasheet PDF - Texas Instruments
Part # SN65MLVD201D
Download  SN65MLVD201D Download
File Size   861.84 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPOINT-LVDS LINE DRIVER AND RECEIVER

SN65MLVD201D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD201D Datasheet PDF - Texas Instruments

Part # SN65MLVD201D
Download  SN65MLVD201D Click to download

File Size   861.84 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPOINT-LVDS LINE DRIVER AND RECEIVER

SN65MLVD201D Datasheet (HTML) - Texas Instruments


SN65MLVD201D Product details

1FEATURES
· Low-Voltage Differential 30-Ω to 55-Ω Line
Drivers and Receivers for Signaling Rates(1)
Up to 200 Mbps
· Type-1 Receivers Incorporate 25 mV of
Hysteresis
· Type-2 Receivers Provide an Offset (100 mV)
Threshold to Detect Open-Circuit and Idle-Bus
Conditions
· Meets or Exceeds the M-LVDS Standard
TIA/EIA-899 for Multipoint Data Interchange
· Controlled Driver Output Voltage Transition
Times for Improved Signal Quality
· -1 V to 3.4 V Common-Mode Voltage Range
Allows Data Transfer With 2 V of Ground Noise
· Bus Pins High Impedance When Disabled or
VCC ≤ 1.5 V
· 100-Mbps Devices Available (SN65MLVD200A,
202A, 204A, 205A)
· M-LVDS Bus Power Up/Down Glitch Free
The signaling rate of a line, is the number of voltage transitions
that are made per second expressed in the units bps (bits per
second).

APPLICATIONS
· Low-Power High-Speed Short-Reach
Alternative to TIA/EIA-485
· Backplane or Cabled Multipoint Data and
Clock Transmission
· Cellular Base Stations
· Central-Office Switches
· Network Switches and Routers

DESCRIPTION
The SN65MLVD201, 203, 206, and 207 are
multipoint-low-voltage differential (M-LVDS) line
drivers and receivers, which are optimized to operate at signaling rates up to 200 Mbps. All parts comply
with the multipoint low-voltage differential signaling
(M-LVDS) standard TIA/EIA-899. These circuits are
similar to their TIA/EIA-644 standard compliant LVDS
counterparts, with added features to address
multipoint applications. The driver output has been
designed to support multipoint buses presenting loads as low as 30 Ω, and incorporates controlled
transition times to allow for stubs off of the backbone
transmission line.
These devices have Type-1 and Type-2 receivers
that detect the bus state with as little as 50 mV of
differential input voltage over a common-mode
voltage range of -1 V to 3.4 V. The Type-1 receivers
exhibit 25 mV of differential input voltage hysteresis
to prevent output oscillations with slowly changing
signals or loss of input. Type-2 receivers include an
offset threshold to provide a known output state
under open-circuit, idle-bus, and other faults
conditions. The devices are characterized for
operation from –40°C to 85°C.




Similar Part No. - SN65MLVD201D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201D TI-SN65MLVD201D Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201D TI-SN65MLVD201D Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201D TI-SN65MLVD201D Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201D TI2-SN65MLVD201D Datasheet
862Kb / 31P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
REVISED JANUARY 2007
SN65MLVD201D.B TI2-SN65MLVD201D.B Datasheet
862Kb / 31P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
REVISED JANUARY 2007
More results


Similar Description - SN65MLVD201D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com