Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT16823 Datasheet (PDF) - Texas Instruments

SN54ABT16823 Datasheet PDF - Texas Instruments
Part # SN54ABT16823
Download  SN54ABT16823 Download
File Size   781.19 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

SN54ABT16823 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ABT16823 Datasheet PDF - Texas Instruments

Part # SN54ABT16823
Download  SN54ABT16823 Click to download

File Size   781.19 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS

SN54ABT16823 Datasheet (HTML) - Texas Instruments


SN54ABT16823 Product details

Members of the Texas Instruments
WidebusE Family
State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
High-Impedance State During Power Up
and Power Down
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
Flow-Through Architecture Optimizes
PCB Layout
High-Drive Outputs (–32-mA IOH,
64-mA IOL)
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL), Thin Shrink
Small-Outline (DGG) Packages and 380-mil
Fine-Pitch Ceramic Flat (WD) Package
Using 25-mil Center-to-Center Spacings

description
These 18-bit flip-flops feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing wider buffer
registers, I/O ports, bidirectional bus drivers with
parity, and working registers.
The ’ABT16823 can be used as two 9-bit flip-flops
or one 18-bit flip-flop. With the clock-enable
(CLKEN) input low, the D-type flip-flops enter data
on the low-to-high transitions of the clock. Taking
CLKEN high disables the clock buffer, latching the
outputs. Taking the clear (CLR) input low causes
the Q outputs to go low independently of the clock.
A buffered output-enable (OE) input can be used to place the nine outputs in either a normal logic state (high
or low logic level) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without need for interface or pullup components.
OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.




Similar Part No. - SN54ABT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
235Kb / 14P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
388Kb / 17P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI2-SN54ABT16823 Datasheet
781Kb / 22P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
REVISED JANUARY 1997
SN54ABT16823WD TI-SN54ABT16823WD Datasheet
133Kb / 9P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54ABT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_08 Datasheet
344Kb / 12P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com