Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2779 Datasheet (PDF) - Adafruit Industries

2779 Datasheet PDF - Adafruit Industries
Part # 2779
Download  2779 Download
File Size   154.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description PiTFT Pibow Kit for Pi 2 / B / Pi 3

2779 Datasheet (PDF)

Go To PDF Page Download Datasheet
2779 Datasheet PDF - Adafruit Industries

Part # 2779
Download  2779 Click to download

File Size   154.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description PiTFT Pibow Kit for Pi 2 / B / Pi 3

2779 Datasheet (HTML) - Adafruit Industries


2779 Product details

Compatible with Raspberry Pi 2, Model B+ and Pi 3
Custom top layers provided for both the 2.8" 320x240 and the 3.5" 480x320 PiTFT+ variants
Protects your beloved Pi!
Leaves all primary ports accessible
Made from lightweight high-quality cast acrylic
Great for hacking and tinkering!




Similar Part No. - 2779

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2779 KR-2779 Datasheet
49Kb / 2P
Bandpass Filter
logo
Heyco.
2779 HEYCO-2779 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
2779 HEYCO-2779 Datasheet
128Kb / 1P
Nylon Knock Out Seals and Thick Panel Knock Out Seals
logo
Kemet Corporation
2779 KEMET-2779 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
2779 KEMET-2779 Datasheet
847Kb / 8P
Hardware & Resistors for Aluminum Electrolytics (M8 & M12 Stud)
More results


Similar Description - 2779

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
SparkFun Electronics
KIT-13091 SPARKFUN-KIT-13091 Datasheet
583Kb / 14P
Pi Wedge B Hookup Guide
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
110060161 ETC-110060161 Datasheet
197Kb / 3P
GrovePi Starter Kit for Raspberry Pi A,B,B&2,3 (CE certified)
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com