Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE493DA2B6HTSA1 Datasheet (PDF) - Infineon Technologies AG

TLE493DA2B6HTSA1 Datasheet PDF - Infineon Technologies AG
Part # TLE493DA2B6HTSA1
Download  TLE493DA2B6HTSA1 Download
File Size   841.25 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Power 3D Hall Sensor with I2C Interface

TLE493DA2B6HTSA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE493DA2B6HTSA1 Datasheet PDF - Infineon Technologies AG

Part # TLE493DA2B6HTSA1
Download  TLE493DA2B6HTSA1 Click to download

File Size   841.25 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Power 3D Hall Sensor with I2C Interface

TLE493DA2B6HTSA1 Datasheet (HTML) - Infineon Technologies AG


TLE493DA2B6HTSA1 Product details

Features
• 3D magnetic flux density sensing of ±160 mT.
• Programmable flux resolution down to 65 μT (typ.).
• X-Y angular measurement mode
• Power down mode with 7 nA (typ) power consumption
• 12-bit data resolution for each measurement direction plus 10-bit temperature sensor
• Variable update frequencies and power modes (configurable during operation)
• Temperature range Tj = -40°C…125°C, supply voltage range = 2.8 V…3.5 V
• Triggering by external μC possible via I2C protocol
• Interrupt signal to indicate a valid measurement to the microcontroller

Applications
The TLE493D-A2B6 is designed for all kinds of sensing applications, including the following:
• Gear stick position
• Control elements in the top column module and multi function steering wheel
• Multi function knobs
• Pedal/valve position sensing




Similar Part No. - TLE493DA2B6HTSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE493D-A2B6 INFINEON-TLE493D-A2B6 Datasheet
766Kb / 27P
Low Power 3D Hall Sensor with I2C Interface
Ver. 0.1 2018-04-20
TLE493D-P2B6MS2GO INFINEON-TLE493D-P2B6MS2GO Datasheet
2Mb / 28P
3D Magnetic Sensor 2 Go evaluation kit
2021-06-18
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
TLE493D-W2B6A0 INFINEON-TLE493D-W2B6A0 Datasheet
627Kb / 21P
Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
TLE493D-W2B6A1 INFINEON-TLE493D-W2B6A1 Datasheet
627Kb / 21P
Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
More results


Similar Description - TLE493DA2B6HTSA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV493D-A1B6 INFINEON-TLV493D-A1B6_16 Datasheet
1,007Kb / 23P
Low Power 3D Magnetic Sensor with I2C Interface
Rev. 1.0, 2016-01-29
logo
Allegro MicroSystems
A1332 ALLEGRO-A1332 Datasheet
979Kb / 20P
Precision Hall Effect Angle Sensor IC with I2C Interface
logo
Infineon Technologies A...
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
TLE493D-A2B6 INFINEON-TLE493D-A2B6 Datasheet
766Kb / 27P
Low Power 3D Hall Sensor with I2C Interface
Ver. 0.1 2018-04-20
TLI493D-A2B6 INFINEON-TLI493D-A2B6 Datasheet
487Kb / 21P
Low Power 3D Hall Sensor with I2C Interface
Ver. 1.3 2019-04-09
logo
Texas Instruments
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5173-Q1 TI-TMAG5173-Q1 Datasheet
2Mb / 78P
TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
SEPTEMBER 2022
logo
Infineon Technologies A...
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
logo
Texas Instruments
TMAG5173-Q1 TI-TMAG5173-Q1_V01 Datasheet
1Mb / 60P
TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
REVISED SEPTEMBER 2023
TMAG3001 TI-TMAG3001 Datasheet
2Mb / 81P
TMAG3001 Low-Power 3D Linear and Angle Hall-Effect Sensor With I2C Interface and Wake Up Detection in WCSP
NOVEMBER 2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com