Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC346LP3 Datasheet (PDF) - Hittite Microwave Corporation

HMC346LP3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC346LP3
Download  HMC346LP3 Download
File Size   369.32 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz

HMC346LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC346LP3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC346LP3
Download  HMC346LP3 Click to download

File Size   369.32 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz

HMC346LP3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC346LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346LP3 HITTITE-HMC346LP3 Datasheet
259Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3 HITTITE-HMC346LP3 Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3E HITTITE-HMC346LP3E Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Similar Description - HMC346LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346LP3 HITTITE-HMC346LP3 Datasheet
259Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com