Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8196456 Datasheet (PDF) - PHOENIX CONTACT

8196456 Datasheet PDF - PHOENIX CONTACT
Part # 8196456
Download  8196456 Download
File Size   186.79 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS-2 HF 19,1 (EX30)RL BU CUS - Shrink sleeve

8196456 Datasheet (PDF)

Go To PDF Page Download Datasheet
8196456 Datasheet PDF - PHOENIX CONTACT

Part # 8196456
Download  8196456 Click to download

File Size   186.79 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS-2 HF 19,1 (EX30)RL BU CUS - Shrink sleeve

8196456 Datasheet (HTML) - PHOENIX CONTACT


8196456 Product details

Shrink sleeve, blue, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK X1.2, THERMOMARK W, cable diameter range: 9.5 ... 19.1 mm: user-defined,
Cut, mounting type: slide-on, text field height: 80000 mm, text field width: 30 mm




Similar Part No. - 8196456

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
81964 GENERAL-81964 Datasheet
120Kb / 2P
Super Vu-Tron짰 Welding Cable
More results


Similar Description - 8196456

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
3240584 PHOENIX-3240584 Datasheet
85Kb / 4P
Cable duct - CD-HF 25X60 BU
09/12/2020
3240608 PHOENIX-3240608 Datasheet
86Kb / 4P
Cable duct - CD-HF 120X80 BU
09/12/2020
3240796 PHOENIX-3240796 Datasheet
58Kb / 3P
Cable tie - WT-ID HF 3,5X200 BU
09/12/2020
3240797 PHOENIX-3240797 Datasheet
59Kb / 3P
Cable tie - WT-ID HF 4,5X200 BU
09/12/2020
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com