Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVCHR16601VR Datasheet (PDF) - Texas Instruments

SN74ALVCHR16601VR Datasheet PDF - Texas Instruments
Part # SN74ALVCHR16601VR
Download  SN74ALVCHR16601VR Download
File Size   976.27 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS

SN74ALVCHR16601VR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVCHR16601VR Datasheet PDF - Texas Instruments

Part # SN74ALVCHR16601VR
Download  SN74ALVCHR16601VR Click to download

File Size   976.27 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS

SN74ALVCHR16601VR Datasheet (HTML) - Texas Instruments


SN74ALVCHR16601VR Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· UBT™ Transceiver Combines D-Type Latches
and D-Type Flip-Flops for Operation in
Transparent, Latched, or Clocked Modes
· Operates From 1.65 V to 3.6 V
· Max tpd of 4.4 ns at 3.3 V
· ±12-mA Output Drive at 3.3 V
· Outputs Ports Have Equivalent 26-W Series
Resistors, So No External Resistors Are
Required
· Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
· Latch-Up Performance Exceeds 250 mA Per
JESD 17
· ESD Protection Exceeds JESD 22
- 2000-V Human-Body Model (A114-A)
- 200-V Machine Model (A115-A)

DESCRIPTION/ORDERING INFORMATION
This 18-bit universal bus transceiver is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCHR16601 combines D-type latches
and D-type flip-flops to allow data flow in transparent,
latched, clocked, and clock-enabled modes.
Data flow in each direction is controlled by
output-enable (OEAB and OEBA), latch-enable
(LEAB and LEBA), and clock (CLKAB and CLKBA)
inputs. The clock can be controlled by the
clock-enable (CLKENAB and CLKENBA) inputs. For
A-to-B data flow, the device operates in the
transparent mode when LEAB is high. When LEAB is
low, the A data is latched if CLKAB is held at a high
or low logic level. If LEAB is low, the A data is stored
in the latch/flip-flop on the low-to-high transition of
CLKAB. When OEAB is low, the outputs are active.
When OEAB is high, the outputs are in the
high-impedance state.




Similar Part No. - SN74ALVCHR16601VR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16601VR TI1-SN74ALVCHR16601VR Datasheet
318Kb / 14P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALVCHR16601VR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16600 TI-SN74ALVCH16600 Datasheet
142Kb / 10P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR16601 TI-SN74ALVCHR16601 Datasheet
130Kb / 9P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601GR TI-SN74ALVCH162601GR Datasheet
361Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com