Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC07 Datasheet (PDF) - Texas Instruments

SN74AUC07 Datasheet PDF - Texas Instruments
Part # SN74AUC07
Download  SN74AUC07 Download
File Size   984.72 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT

SN74AUC07 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUC07 Datasheet PDF - Texas Instruments

Part # SN74AUC07
Download  SN74AUC07 Click to download

File Size   984.72 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT

SN74AUC07 Datasheet (HTML) - Texas Instruments


SN74AUC07 Product details

FEATURES
· Optimized for 1.8-V Operation and Is 3.6-V
I/O Tolerant to Support Mixed-Mode Signal
Operation
· Ioff Supports Partial-Power-Down Mode
Operation
· Sub-1-V Operable
· Max tpd of 2.2 ns at 1.8 V
· Low Power Consumption, 10-mA Max ICC
· ±8-mA Output Drive at 1.8 V
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
This hex buffer/driver is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The outputs of the SN74AUC07 are open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - SN74AUC07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC07 TI-SN74AUC07 Datasheet
246Kb / 8P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC07 TI2-SN74AUC07 Datasheet
985Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
REVISED NOVEMBER 2005
SN74AUC07RGYR TI-SN74AUC07RGYR Datasheet
246Kb / 8P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC07RGYR TI2-SN74AUC07RGYR Datasheet
985Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
REVISED NOVEMBER 2005
SN74AUC07RGYR.B TI2-SN74AUC07RGYR.B Datasheet
985Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
REVISED NOVEMBER 2005
More results


Similar Description - SN74AUC07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC07 TI-SN74AUC07 Datasheet
246Kb / 8P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A_10 Datasheet
733Kb / 21P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74LVC07A TI1-SN74LVC07A_15 Datasheet
1Mb / 30P
Hex Buffer/Driver With Open-Drain Outputs
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com