Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC2T245 Datasheet (PDF) - Texas Instruments

SN74AVC2T245 Datasheet PDF - Texas Instruments
Part # SN74AVC2T245
Download  SN74AVC2T245 Download
File Size   923.6 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC2T245 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level- Shifting / Voltage Translation and Tri-State Outputs

SN74AVC2T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC2T245 Datasheet PDF - Texas Instruments

Part # SN74AVC2T245
Download  SN74AVC2T245 Click to download

File Size   923.6 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC2T245 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level- Shifting / Voltage Translation and Tri-State Outputs

SN74AVC2T245 Datasheet (HTML) - Texas Instruments


SN74AVC2T245 Product details

1 Features
• Each Channel Has Independent Direction Control
• Control Inputs VIH/VIL Levels Are Referenced to
VCCA Voltage
• Fully Configurable Dual-Rail Design Allows Each
Port to Operate Over the Full 1.2V to
3.6V Power-Supply Range
• I/Os Are 4.6V Tolerant
• Ioff Supports Partial-Power-Down Mode Operation
• VCC Isolation Feature - If Either VCC Input is at
GND, Both Ports are in High-Impedance State
• Typical Data Rates
– 500Mbps (1.8V to 3.3V Level-Shifting)
– 320Mbps (<1.8V to 3.3V Level-Shifting)
– 320Mbps (Translate to 2.5V or 1.8V)
– 280Mbps (Translate to 1.5V)
– 240Mbps (Translate to 1.2V)
• Latch-Up Performance Exceeds 100mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22
– 5000V Human-Body Model (A114-A)
– 200V Machine Model (A115-A)
– 1500V Charged-Device Model (C101)

2 Applications
• Personal Electronics
• Industrial
• Enterprise
• Telecom

3 Description
This dual-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.2V to 3.6V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.2V to 3.6V. This allows for universal low-voltage
bidirectional translation between any of the 1.2V, 1.5V,
1.8V, 2.5V, and 3.3V voltage nodes.
The SN74AVC2T245 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR) input and the
output-enable ( OE) activate either the B-port outputs
or the A-port outputs or place both output ports into
the high-impedance mode . The device transmits data
from the A bus to the B bus when the B-port outputs
are activated and from the B bus to the A bus when
the A-port outputs are activated. The input circuitry on
both A and B ports always is active and must have
a logic HIGH or LOW level applied to prevent excess
ICC and ICCZ.
The SN74AVC2T245 control pins (DIR1, DIR2, and
OE) are supplied by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature ensures that if either VCC
input is at GND, both ports are in the high-impedance
state.
To ensure the high-impedance state during power
up or power down, OE must be connected to VCC
through a pull-up resistor; the minimum value of the
resistor is determined by the current-sinking capability
of the driver.




Similar Part No. - SN74AVC2T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
514Kb / 15P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
496Kb / 15P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI2-SN74AVC2T245 Datasheet
968Kb / 24P
SN74AVC2T245-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level- Shifting / Voltage Translation and Tri-State Outputs
NOVEMBER 2025
logo
National Instruments Co...
SN74AVC2T245 NI-SN74AVC2T245 Datasheet
2Mb / 31P
NI 6583R User Guide and Specifications
Feb11
More results


Similar Description - SN74AVC2T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP TI1-SN74LVC8T245-EP_17 Datasheet
1,006Kb / 26P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
SN74AVC32T245 TI1-SN74AVC32T245_V01 Datasheet
1Mb / 30P
SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com