Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5138 Datasheet (PDF) - Adafruit Industries

5138 Datasheet PDF - Adafruit Industries
Part # 5138
Download  5138 Download
File Size   325.21 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Cool White LED Ring Light PCB - 70mm Diameter

5138 Datasheet (PDF)

Go To PDF Page Download Datasheet
5138 Datasheet PDF - Adafruit Industries

Part # 5138
Download  5138 Click to download

File Size   325.21 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Cool White LED Ring Light PCB - 70mm Diameter

5138 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 5138

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
micro SD Card Connector
logo
Hutchinson Paulstra
513801 PAULSTRA-513801 Datasheet
190Kb / 4P
RADIAFLEX
513801 PAULSTRA-513801 Datasheet
284Kb / 5P
STOPS
logo
Festo Corporation.
5138188 FESTO-5138188 Datasheet
91Kb / 1P
Compact air cylinder
1/6/22
5138189 FESTO-5138189 Datasheet
91Kb / 1P
Compact air cylinder
1/6/22
More results


Similar Description - 5138

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
OSW44L56A1A E-OEC-OSW44L56A1A Datasheet
110Kb / 1P
4.8mm Straw Cool White LED
logo
OptoSupply Internationa...
OSW44L56A1A OPTOSUPPLY-OSW44L56A1A Datasheet
110Kb / 1P
4.8mm Straw Cool White LED
OSW44DZ2C1P OPTOSUPPLY-OSW44DZ2C1P Datasheet
121Kb / 2P
Super Flux Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
COOL AND WARM WHITE LED
logo
LUMEX INC.
SSP-LB12UW024K03 LUMEX-SSP-LB12UW024K03 Datasheet
475Kb / 2P
LED LIGHT BAR, 12", COOL WHITE, 24V D.C.
SSP-LB12UW024K05 LUMEX-SSP-LB12UW024K05 Datasheet
467Kb / 2P
LED LIGHT BAR, 12", COOL WHITE, 24V D.C.
SSP-LB24UW024K07 LUMEX-SSP-LB24UW024K07 Datasheet
473Kb / 2P
LED LIGHT BAR, 12", COOL WHITE, 24V D.C.
logo
OptoSupply Internationa...
OSW5DK5HA1D OPTOSUPPLY-OSW5DK5HA1D_11 Datasheet
180Kb / 1P
5.1x4.3mm Ovall Cool White LED
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
5mm Round Cool White LED
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Cool White LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com