Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53481 Datasheet (PDF) - Molex Electronics Ltd.

53481 Datasheet PDF - Molex Electronics Ltd.
Part # 53481
Download  53481 Download
File Size   35.71 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description slimstack_0635mm_025_pitch

53481 Datasheet (PDF)

Go To PDF Page Download Datasheet
53481 Datasheet PDF - Molex Electronics Ltd.

Part # 53481
Download  53481 Click to download

File Size   35.71 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description slimstack_0635mm_025_pitch

53481 Datasheet (HTML) - Molex Electronics Ltd.


53481 Product details

Description: 0.635mm (.025") Pitch SlimStack™ Plug, Surface Mount, Dual Row, Vertical Stacking, 7.00 and 13.00mm (.276 and .512") Stacking Heights, Lead-free, 40 Circuits, Tube Packaging




Similar Part No. - 53481

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Festo Corporation.
534845 FESTO-534845 Datasheet
84Kb / 1P
Air reservoir
534865 FESTO-534865 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534874 FESTO-534874 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
logo
List of Unclassifed Man...
5348MTH1R ETC2-5348MTH1R Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
More results






About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com