Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXCH2T45DTM Datasheet (PDF) - Texas Instruments

SN74AXCH2T45DTM Datasheet PDF - Texas Instruments
Part # SN74AXCH2T45DTM
Download  SN74AXCH2T45DTM Download
File Size   906.49 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs

SN74AXCH2T45DTM Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXCH2T45DTM Datasheet PDF - Texas Instruments

Part # SN74AXCH2T45DTM
Download  SN74AXCH2T45DTM Click to download

File Size   906.49 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs

SN74AXCH2T45DTM Datasheet (HTML) - Texas Instruments


SN74AXCH2T45DTM Product details

1 Features
1• Fully configurable dual-rail design allows each
port to operate with a power supply range from
0.65 V to 3.6 V
• Operating temperature from –40°C to +125°C
• Glitch-free power supply sequencing
• Up to 380 Mbps support when translating from 1.8
V to 3.3 V
• VCC isolation feature
– If either VCC input is below 100 mV, all I/O
outputs are disabled and become high
impedance
• Ioff supports partial-power-down mode operation
• Compatible with AVC family level shifters
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 8000-V human-body model (HBM)
– 1000-V charged-device model (CDM)

2 Applications
• Enterprise and communications
• Industrial
• Personal electronics
• Wireless infrastructure
• Building automation
• Point of sale

3 Description
The SN74AXCH2T45 is a two-bit non-inverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with
both VCCA and VCCB supplies as low as 0.65 V. The A
port is designed to track VCCA, which accepts any
supply voltage from 0.65 V to 3.6 V. The B port is
designed to track VCCB, which also accepts any
supply voltage from 0.65 V to 3.6 V. Additionally the
SN74AXCH2T45 is compatible with a single-supply
system.
The SN74AXCH2T45 device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the B
bus or from the B bus to the A bus, depending on the
logic level of the direction-control input (DIR). The
SN74AXCH2T45 device is designed so the control
pin (DIR) is referenced to VCCA.
Active bus-hold circuitry holds unused or undriven
inputs at a valid logic state. Use of pullup or pulldown
resistors with the bus-hold circuitry is not
recommended. If a supply is present for VCCA or
VCCB, the bus-hold circuitry always remains active
on the A or B inputs respectively, independent of the
state of the direction control pin.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry ensures that no excessive current is drawn
from or to an input, output, or combined I/O that is
biased to a specific voltage while the device is
powered down.
The VCC isolation feature ensures that if either VCCA
or VCCB is less than 100 mV, both I/O ports enter a
high-impedance state by disabling their outputs.
Glitch-free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.




Similar Part No. - SN74AXCH2T45DTM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXCH2T45DTM TI1-SN74AXCH2T45DTM Datasheet
1Mb / 36P
SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AXCH2T45DTMR TI1-SN74AXCH2T45DTMR Datasheet
1Mb / 36P
SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
More results


Similar Description - SN74AXCH2T45DTM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
SN74AXCH4T245 TI1-SN74AXCH4T245 Datasheet
1Mb / 39P
Four-bit bus transceiver with configurable voltage translation, tri-state outputs, and bus-hold inputs
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com