Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC253 Datasheet (PDF) - Texas Instruments

SN54HC253 Datasheet PDF - Texas Instruments
Part # SN54HC253
Download  SN54HC253 Download
File Size   798.14 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HC253-Q1 Automotive Dual 4-Line To 1-Line Data Selector/Multiplexer With 3- State Outputs

SN54HC253 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC253 Datasheet PDF - Texas Instruments

Part # SN54HC253
Download  SN54HC253 Click to download

File Size   798.14 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HC253-Q1 Automotive Dual 4-Line To 1-Line Data Selector/Multiplexer With 3- State Outputs

SN54HC253 Datasheet (HTML) - Texas Instruments


SN54HC253 Product details

1 Features
• Qualified for automotive applications
• 3-State Version of ’HC153
• Wide operating voltage range of 2V to 6V
• High-current inverting outputs drive up to 15
LSTTL loads
• Low power consumption, 80μA max ICC
• Typical tpd = 9ns
• ±6mA output drive at 5V
• Low input current of 1μA max
• Permit multiplexing from n lines to one line
• Perform parallel-to-serial conversion

2 Description
The SN74HC253-Q1 devices contain two
independent data selectors/multiplexers with full
binary decoding to select 1-of-4 data sources and
features strobe- controlled (OE) 3-state outputs.




Similar Part No. - SN54HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC253 TI-SN54HC253 Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253 TI2-SN54HC253 Datasheet
787Kb / 13P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
JANUARY 2004
SN54HC253FK TI-SN54HC253FK Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253J TI-SN54HC253J Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253J TI1-SN54HC253J Datasheet
995Kb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Similar Description - SN54HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74AC11258 TI1-74AC11258 Datasheet
100Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11258 TI1-74ACT11258 Datasheet
89Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI1-74AC11257_16 Datasheet
1Mb / 16P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com