Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS73A Datasheet (PDF) - Texas Instruments

SN54LS73A Datasheet PDF - Texas Instruments
Part # SN54LS73A
Download  SN54LS73A Download
File Size   810.42 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL J-K FLIP-FLOPS WITH CLEAR

SN54LS73A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS73A Datasheet PDF - Texas Instruments

Part # SN54LS73A
Download  SN54LS73A Click to download

File Size   810.42 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL J-K FLIP-FLOPS WITH CLEAR

SN54LS73A Datasheet (HTML) - Texas Instruments


SN54LS73A Product details

Package Options Include Plastic ‘*Small
Outline’” Packages, Flat Packages, and
Plastic and Ceramic DIPs

Dependable Texas Instruments Quality and
Reliability

description

The ‘73, and 'H73, contain two independent
JK flip-flops with individual J-K, clock, and
direct clear inputs. The ‘73, and ‘H73, are
positive pulse-triggered flip-flops. J-K input is
loaded into the master while the clock is high and
transferred to the slave on the high-to-low
transition. For these devices the J and K inputs
must be stable while the clock is high.

The 'LS73A contains two independent negative-
edge-triggered flip-flops. The J and K inputs
must be stable one setup time prior to the high-
to-low clock transition for predictable operation.
When the clear is low, it overrides the clock and
data inputs forcing the Q output low and the @
output high.

The SN5473, SN54H73, and the SN54LS73A
are characterized for operation over the full
military temperature range of —55°C to 125°C.
The SN7473, and the SN74LS73A are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN54LS73A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Texas Instruments
SN54LS73A TI-SN54LS73A Datasheet
206Kb / 13P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54LS73A TI1-SN54LS73A Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54LS73A-SP TI1-SN54LS73A-SP Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54LS73AJ TI-SN54LS73AJ Datasheet
206Kb / 13P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Similar Description - SN54LS73A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
logo
Renesas Technology Corp
HD74LS73A RENESAS-HD74LS73A Datasheet
93Kb / 7P
Dual J-K Flip-Flops (with Clear)
HD74HC73 RENESAS-HD74HC73 Datasheet
107Kb / 8P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com