Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1185 Datasheet (PDF) - Adafruit Industries

1185 Datasheet PDF - Adafruit Industries
Part # 1185
Download  1185 Download
File Size   349.51 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Massive Arcade Button with LED - 100mm Red

1185 Datasheet (PDF)

Go To PDF Page Download Datasheet
1185 Datasheet PDF - Adafruit Industries

Part # 1185
Download  1185 Click to download

File Size   349.51 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Massive Arcade Button with LED - 100mm Red

1185 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
1185 TI-1185 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
List of Unclassifed Man...
11850 ETC-11850 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11850 HEYCO-11850 Datasheet
123Kb / 1P
Nylon Male/Female Threaded Hex Supports
logo
Weidmuller
1185060000 WEIDMULLER-1185060000 Datasheet
744Kb / 20P
Component Carriers and Housings
1185060000 WEIDMULLER-1185060000 Datasheet
733Kb / 20P
Component Carriers and Housings
More results


Similar Description - 1185

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PS1057ARED E-SWITCH-PS1057ARED Datasheet
20Kb / 1P
E-SWITCH PS1057A (RED BUTTON)
logo
Siemens Semiconductor G...
3SB3500-0AA21 SIEMENS-3SB3500-0AA21 Datasheet
133Kb / 3P
22MM METAL ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER RED
logo
Luminus, Inc
SST-10-R LUMINUS-SST-10-R Datasheet
2Mb / 12P
Red LED High Power Red LED with Peak Wavelength of 630nm
logo
Schneider Electric
9001K3L7LRRH13 SCHNEIDER-9001K3L7LRRH13 Datasheet
137Kb / 3P
illuminated red push button - 220 VAC with spring return
Dec 20, 2021
logo
SparkFun Electronics
BOB-15932 SPARKFUN-BOB-15932 Datasheet
246Kb / 2P
SparkFun Qwiic Button - Red LED
1??9??0
COM-09336 SPARKFUN-COM-09336 Datasheet
201Kb / 1P
Concave Button - Red
5/25/2016
logo
Schneider Electric
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
logo
Schneider Electric
ZB4BW343 SCHNEIDER-ZB4BW343 Datasheet
167Kb / 8P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com