Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1436 Datasheet (PDF) - Adafruit Industries

1436 Datasheet PDF - Adafruit Industries
Part # 1436
Download  1436 Download
File Size   269.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Multi-pitch FPC Adapter - 40 Pin 0.5/0.6/0.7/0.8/1.0mm

1436 Datasheet (PDF)

Go To PDF Page Download Datasheet
1436 Datasheet PDF - Adafruit Industries

Part # 1436
Download  1436 Click to download

File Size   269.99 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Multi-pitch FPC Adapter - 40 Pin 0.5/0.6/0.7/0.8/1.0mm

1436 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1436 ETC2-1436 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Multicomp Pro
1436 MULTICOMP-1436 Datasheet
242Kb / 2P
Split Loom Polyethylene, Black
05/06/20 V1.0
logo
Keystone Electronics Co...
1436 KEYSTONE-1436 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
PHOENIX CONTACT
1436013 PHOENIX-1436013 Datasheet
1Mb / 17P
Bus system cable - SAC-5PY-F/2X 0,3-920-MS-FS
logo
Sangamo
143602 SANGAMO-143602 Datasheet
120Kb / 1P
One Module Single channel, electronic time switch
More results


Similar Description - 1436

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-651000-10 ARIES-24-651000-10 Datasheet
499Kb / 1P
36-Pin SSOP-to-0.6 DIP Adapter
logo
Molex Electronics Ltd.
52207-1590 MOLEX-52207-1590 Datasheet
361Kb / 5P
1.0mm Pitch FPC Conn ZIF SMT
logo
List of Unclassifed Man...
PA552-68 ETC2-PA552-68 Datasheet
31Kb / 2P
68 pin PLCC socket/40 pin DIP 0.6??plug
logo
ERNI Electronics
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
logo
List of Unclassifed Man...
PA17C42-PD ETC2-PA17C42-PD Datasheet
34Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-P64 ETC2-PA44-40-P64 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA280-44 ETC2-PA280-44 Datasheet
35Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com