Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

471 Datasheet (PDF) - Adafruit Industries

471 Datasheet PDF - Adafruit Industries
Part # 471
Download  471 Download
File Size   501.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Arcade Button - 30mm Translucent Clear

471 Datasheet (PDF)

Go To PDF Page Download Datasheet
471 Datasheet PDF - Adafruit Industries

Part # 471
Download  471 Click to download

File Size   501.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Arcade Button - 30mm Translucent Clear

471 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 471

ManufacturerPart #DatasheetDescription
logo
Littelfuse
471 LITTELFUSE-471 Datasheet
49Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
Productwell Precision E...
471 PRODUCTWELL-471 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
3M Electronics
471 3M-471 Datasheet
32Kb / 3P
Vinyl Tape
logo
AiT Semiconductor Inc.
471 AITSEMI-471 Datasheet
817Kb / 4P
POWER INDUCTOR
471 AITSEMI-471 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results


Similar Description - 471

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001K2L SCHNEIDER-9001K2L Datasheet
142Kb / 2P
30MM ILLUM PUSH BUTTON OPERATOR
Dec 6, 2021
9001KR9P35R21H2Y238 SCHNEIDER-9001KR9P35R21H2Y238 Datasheet
145Kb / 1P
PUSH BUTTON 600VAC 10A 30MM TYPEK
Dec 28, 2021
logo
SparkFun Electronics
PRT-09567 SPARKFUN-PRT-09567 Datasheet
77Kb / 1P
Breadboard - Translucent Self-Adhesive (Clear)
5-15-17
logo
Schneider Electric
9001KU17 SCHNEIDER-9001KU17 Datasheet
137Kb / 2P
30mm Push Button, Types K or SK, clear protective boot, for selector switches
Jan 6, 2022
9001KU27 SCHNEIDER-9001KU27 Datasheet
145Kb / 2P
30MM CLEAR BOOT FOR PILOT LIGHT
Jan 6, 2022
9001KU7 SCHNEIDER-9001KU7 Datasheet
128Kb / 3P
30mm Push Button, Types K or SK, clear protective boot, for nonilluminated push buttons
Jan 6, 2022
9001C9 SCHNEIDER-9001C9 Datasheet
126Kb / 2P
30MM PLASTIC DOMED LENS CLEAR
Jan 20, 2022
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com