Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

473 Datasheet (PDF) - Adafruit Industries

473 Datasheet PDF - Adafruit Industries
Part # 473
Download  473 Download
File Size   100.08 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Arcade Button - 30mm Translucent Red

473 Datasheet (PDF)

Go To PDF Page Download Datasheet
473 Datasheet PDF - Adafruit Industries

Part # 473
Download  473 Click to download

File Size   100.08 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Arcade Button - 30mm Translucent Red

473 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 473

ManufacturerPart #DatasheetDescription
logo
Littelfuse
473 LITTELFUSE-473 Datasheet
57Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
France Joint
473 FRANCEJOINT-473 Datasheet
340Kb / 2P
WIPER SEALS
logo
English Chain Co. Ltd
473 05 ENGLISHCHAIN-473 05 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
473 06 ENGLISHCHAIN-473 06 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
473 08 ENGLISHCHAIN-473 08 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results


Similar Description - 473

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001KR9R SCHNEIDER-9001KR9R Datasheet
89Kb / 1P
30mm Push Button, Type K, push pull operator, red mushroom cap
Aug 15, 2019
9001KR1RH13 SCHNEIDER-9001KR1RH13 Datasheet
174Kb / 6P
30mm Push Button, Type K, push button, full guard, red, 1 NO and 1 NC
Dec 6, 2021
9001KR67GR SCHNEIDER-9001KR67GR Datasheet
150Kb / 2P
30mm push button, Type K, momentary interlocked dual 30mm push button, green and red inserts, NEMA 4, 13
Dec 13, 2021
9001KR4R SCHNEIDER-9001KR4R Datasheet
145Kb / 2P
30mm Push Button, Type K, mushroom button operator, 1.375 inch diameter, plastic red cap
Dec 23, 2021
9001KR5R SCHNEIDER-9001KR5R Datasheet
136Kb / 2P
30mm Push Button, Type K, mushroom button operator, 2.25 inch diameter, plastic red cap
Dec 23, 2021
9001KR24R SCHNEIDER-9001KR24R Datasheet
107Kb / 2P
30MM MUSHROOM OPERATOR RED
Dec 23, 2021
logo
SparkFun Electronics
PRT-11317 SPARKFUN-PRT-11317 Datasheet
611Kb / 2P
Breadboard - Translucent Self-Adhesive (Red)
9??2??7
logo
Schneider Electric
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
9001R22 SCHNEIDER-9001R22 Datasheet
146Kb / 2P
30mm Push Button, Types K or SK, push pull mushroom cap, red
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com