Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

474 Datasheet (PDF) - Adafruit Industries

474 Datasheet PDF - Adafruit Industries
Part # 474
Download  474 Download
File Size   464.85 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Arcade Button - 30mm Translucent Yellow

474 Datasheet (PDF)

Go To PDF Page Download Datasheet
474 Datasheet PDF - Adafruit Industries

Part # 474
Download  474 Click to download

File Size   464.85 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Arcade Button - 30mm Translucent Yellow

474 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 474

ManufacturerPart #DatasheetDescription
logo
Bi technologies
474 BITECH-474 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
Schurter Inc.
4740 SCHURTER-4740 Datasheet
417Kb / 3P
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4 IEC Appliance Outlets F and Extra Components
logo
Visual Communications C...
4740 VCC-4740 Datasheet
103Kb / 1P
Lens Retainer Clip
logo
Schurter Inc.
4740 SCHURTER-4740 Datasheet
278Kb / 3P
IEC Connector C15 for hot conditions, Rewireable, Angled
4740 SCHURTER-4740 Datasheet
689Kb / 5P
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4, 5 or 6 IEC Appliance Outlets F and Extra Components
More results


Similar Description - 474

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001K1L SCHNEIDER-9001K1L Datasheet
165Kb / 2P
30MM ILLUM PUSH BUTTON TRANSFORMER 120V
Dec 6, 2021
9001K2L SCHNEIDER-9001K2L Datasheet
142Kb / 2P
30MM ILLUM PUSH BUTTON OPERATOR
Dec 6, 2021
9001K2L1 SCHNEIDER-9001K2L1 Datasheet
124Kb / 2P
30MM ILLUM PUSH BUTTON TRANSFORMER 120V
Dec 6, 2021
9001K3L35GH2Y238 SCHNEIDER-9001K3L35GH2Y238 Datasheet
151Kb / 1P
PUSH BUTTON 600VAC 10A 30MM TYPEK
Dec 20, 2021
9001KR9P35R21H2Y238 SCHNEIDER-9001KR9P35R21H2Y238 Datasheet
145Kb / 1P
PUSH BUTTON 600VAC 10A 30MM TYPEK
Dec 28, 2021
logo
SparkFun Electronics
COM-09338 SPARKFUN-COM-09338 Datasheet
181Kb / 1P
Concave Button - Yellow
5/25/2016
logo
Schneider Electric
9001SKR2U SCHNEIDER-9001SKR2U Datasheet
97Kb / 4P
30MM PUSH BUTTON HEAD EXTENDED GUARD
Jan 12, 202
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com