Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAD221B Datasheet (PDF) - Multicomp Pro

RAD221B Datasheet PDF - Multicomp Pro
Part # RAD221B
Download  RAD221B Download
File Size   289.05 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 22mm Pilot LED Lamps

RAD221B Datasheet (PDF)

Go To PDF Page Download Datasheet
RAD221B Datasheet PDF - Multicomp Pro

Part # RAD221B
Download  RAD221B Click to download

File Size   289.05 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 22mm Pilot LED Lamps

RAD221B Datasheet (HTML) - Multicomp Pro


RAD221B Product details

Description
This superb range of LED lamps offers high illumination output, long life, low temperature and is supplied as a complete unit with encapsulated LED ready to fit. The range provides even lighting in each colour and is available in:
White, amber, red, green and blue
24V AC and DC
110V AC (50 Hz)
230V AC (50 Hz)




Similar Part No. - RAD221B

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
RAD-08-25 AIO-RAD-08-25 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
RAD-08-35 AIO-RAD-08-35 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
RAD-08-50 AIO-RAD-08-50 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
RAD-08-BB AIO-RAD-08-BB Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
RAD-11-50 AIO-RAD-11-50 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
More results


Similar Description - RAD221B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MT9Y MICRO-ELECTRONICS-MT9Y Datasheet
55Kb / 2P
22mm SQUARE LED LAMP CLUSTER SERIES
logo
Kingbright Corporation
BL0508-09-73 KINGBRIGHT-BL0508-09-73 Datasheet
74Kb / 2P
22mm x 22mm LED CLUSTER
logo
Schneider Electric
XB4BVB3 SCHNEIDER-XB4BVB3 Datasheet
173Kb / 5P
Harmony, 22mm pilot light, green lens, 24 V LED
Sep 29, 2021
XB4BVB4 SCHNEIDER-XB4BVB4 Datasheet
175Kb / 5P
Harmony, 22mm pilot light, red lens, 24 V LED
Sep 29, 2021
XB4BVG3 SCHNEIDER-XB4BVG3 Datasheet
175Kb / 1P
Harmony, 22mm pilot light, green lens, 120 V LED
Sep 29, 2021
XB4BVG4 SCHNEIDER-XB4BVG4 Datasheet
176Kb / 5P
Harmony, 22mm pilot light, red lens, 120 V LED
Sep 29, 2021
XB4BVG5 SCHNEIDER-XB4BVG5 Datasheet
170Kb / 5P
Harmony, 22mm pilot light, orange lens, 120 V LED
Sep 29, 2021
XB7EV03BP SCHNEIDER-XB7EV03BP Datasheet
129Kb / 5P
PILOT LIGHT LED 24V GREEN
Aug 11, 2019
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com