Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F05 Datasheet (PDF) - XP Power Limited

F05 Datasheet PDF - XP Power Limited
Part # F05
Download  F05 Download
File Size   3030.34 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-HVDC C ONVERTER

F05 Datasheet (PDF)

Go To PDF Page Download Datasheet
F05 Datasheet PDF - XP Power Limited

Part # F05
Download  F05 Click to download

File Size   3030.34 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-HVDC C ONVERTER

F05 Datasheet (HTML) - XP Power Limited


F05 Product details

10W

Features
• Output Voltages from 100V to 12kV
• Output Voltage Proportional to Input
• Low Turn-on Voltage 0.7VDC
• Input to Output Isolation
• Dual Output Option
• Arc & Short Circuit Protected
• No Minimum Load
• 3 Year Warranty

Typical Applications
• Mass Spectrometry
• Electrostatic Chucks
• Electrophoresis
• Capacitor Charging
• Particle Counter
• Isolation Testing
• Medical Laser Treatment




Similar Part No. - F05

ManufacturerPart #DatasheetDescription
logo
Powerbox
F05 POWERBOX-F05 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F05 XPPOWER-F05 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Amphenol Communications...
F05-0254 AMPHENOLCS-F05-0254 Datasheet
612Kb / 10P
ROCARD SHIELD
Oct 01, 2010 Rev:M
logo
XP Power Limited
F05/F05CT XPPOWER-F05/F05CT Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Feinmetall GmbH
F05005B090G150 FEINMETALL-F05005B090G150 Datasheet
126Kb / 2P
Basic Contact Probe
More results


Similar Description - F05

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
ETA-USA
ZWF360 ETA-USA-ZWF360 Datasheet
1Mb / 4P
360W A C/DC
logo
XP Power Limited
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com