Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G86 Datasheet (PDF) - Texas Instruments

SN74LVC1G86 Datasheet PDF - Texas Instruments
Part # SN74LVC1G86
Download  SN74LVC1G86 Download
File Size   993.08 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G86 Single 2-Input Exclusive-OR Gate

SN74LVC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G86 Datasheet PDF - Texas Instruments

Part # SN74LVC1G86
Download  SN74LVC1G86 Click to download

File Size   993.08 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G86 Single 2-Input Exclusive-OR Gate

SN74LVC1G86 Datasheet (HTML) - Texas Instruments


SN74LVC1G86 Product details

1 Features
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
• Qualified from –40°C to +125°C
• Supports 5-V VCC Operation
• Inputs Are Over Voltage Tolerant up to 5.5 V
• Supports Down Translation to VCC
• Maximum tpd of 4 ns at 3.3 V and 15-pF load
• Low Power Consumption, 10-μA Maximum ICC At
85°C
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Partial-Power-Down Mode, and Back-
Drive Protection
• Available in the Texas Instruments
NanoFree™ Package
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

2 Applications
• Wireless Headsets
• Motor Drives and Controls
• TVs
• Set-Top Boxes
• Audio

3 Description
The SN74LVC1G86 device performs the Boolean
function Y = AB + AB in positive logic. This single 2-
input exclusive-OR gate is designed for 1.65-V to 5.5-
V VCC operation.
If the input is low, the other input is reproduced in
true form at the output. If the input is high, the signal
on the other input is reproduced inverted at the
output. This device has low power consumption with
maximum tpd of 4 ns at 3.3 V and 15-pF capacitive
load. The maximum output drive is ±32-mA at 4.5 V
and ±24-mA at 3.3 V.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current back flow
through the device when it is powered down.




Similar Part No. - SN74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86 Datasheet
351Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86 TI-SN74LVC1G86 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86 TI1-SN74LVC1G86 Datasheet
840Kb / 20P
Single 2-Input Exclusive-OR Gate
logo
Guangdong Youtai Semico...
SN74LVC1G86 UMW-SN74LVC1G86 Datasheet
813Kb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Texas Instruments
SN74LVC1G86 TI2-SN74LVC1G86 Datasheet
975Kb / 21P
SN74LVC1G86-Q1 Single 2-Input Exclusive-OR Gate
MARCH 2017
More results


Similar Description - SN74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com